Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 21Page - Texas Instruments MSP430F5259 Datasheet HTML 22Page - Texas Instruments MSP430F5259 Datasheet HTML 23Page - Texas Instruments MSP430F5259 Datasheet HTML 24Page - Texas Instruments MSP430F5259 Datasheet HTML 25Page - Texas Instruments MSP430F5259 Datasheet HTML 26Page - Texas Instruments MSP430F5259 Datasheet HTML 27Page - Texas Instruments MSP430F5259 Datasheet HTML 28Page - Texas Instruments MSP430F5259 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
Oscillator and System Clock (Link to user's guide)
The clock system is supported by the Unified Clock System (UCS) module, which includes support for a 32-kHz
watch crystal oscillator (XT1 LF mode; XT1 HF mode is not supported), an internal very-low-power low-frequency
oscillator (VLO), an internal trimmed low-frequency oscillator (REFO), an integrated internal digitally controlled
oscillator (DCO), and a high-frequency crystal oscillator (XT2). The UCS module is designed to meet the
requirements of both low system cost and low power consumption. The UCS module features digital frequency
locked loop (FLL) hardware that, in conjunction with a digital modulator, stabilizes the DCO frequency to a
programmable multiple of the selected FLL reference frequency. The internal DCO provides a fast turn-on clock
source and stabilizes in 3.5 µs (typical). The UCS module provides the following clock signals:
•
Auxiliary clock (ACLK), sourced from a 32-kHz watch crystal (XT1), a high-frequency crystal (XT2), the
internal low-frequency oscillator (VLO), the trimmed low-frequency oscillator (REFO), or the internal digitally
controlled oscillator DCO.
•
Main clock (MCLK), the system clock used by the CPU. MCLK can be sourced by same sources made
available to ACLK.
•
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules. SMCLK can be sourced by
same sources made available to ACLK.
•
ACLK/n, the buffered output of ACLK, ACLK/2, ACLK/4, ACLK/8, ACLK/16, ACLK/32.
Power Management Module (PMM) (Link to user's guide)
The PMM includes an integrated voltage regulator that supplies the core voltage to the device and contains
programmable output levels to provide for power optimization. The PMM also includes supply voltage supervisor
(SVS) and supply voltage monitoring (SVM) circuitry, and brownout protection. The brownout circuit is
implemented to provide the proper internal reset signal to the device during power-on and power-off. The SVS
and SVM circuitry detects if the supply voltage drops below a user-selectable level and supports both supply
voltage supervision (the device is automatically reset) and supply voltage monitoring (the device is not
automatically reset). SVS and SVM circuitry is available on the primary supply and core supply.
Hardware Multiplier (Link to user's guide)
The multiplication operation is supported by a dedicated peripheral module. The module performs operations with
32-bit, 24-bit, 16-bit, and 8-bit operands. The module supports signed and unsigned multiplication as well as
signed and unsigned multiply-and-accumulate operations.
Real-Time Clock (RTC_A) (Link to user's guide)
The RTC_A module can be used as a general-purpose 32-bit counter (counter mode) or as an integrated real-
time clock (RTC) (calendar mode). In counter mode, the RTC_A also includes two independent 8-bit timers that
can be cascaded to form a 16-bit timer or counter. Both timers can be read and written by software. Calendar
mode integrates an internal calendar that compensates for months with less than 31 days and includes leap year
correction. The RTC_A also supports flexible alarm functions and offset-calibration hardware.
Watchdog Timer (WDT_A) (Link to user's guide)
The primary function of the WDT_A module is to perform a controlled system restart after a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not needed
in an application, the module can be configured as an interval timer and can generate interrupts at selected time
intervals.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com