Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 43Page - Texas Instruments MSP430F5259 Datasheet HTML 44Page - Texas Instruments MSP430F5259 Datasheet HTML 45Page - Texas Instruments MSP430F5259 Datasheet HTML 46Page - Texas Instruments MSP430F5259 Datasheet HTML 47Page - Texas Instruments MSP430F5259 Datasheet HTML 48Page - Texas Instruments MSP430F5259 Datasheet HTML 49Page - Texas Instruments MSP430F5259 Datasheet HTML 50Page - Texas Instruments MSP430F5259 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
2.0
1.8
8
0
12
20
25
SupplyVoltage-V
ThenumberswithinthefieldsdenotethesupportedPMMCOREVxsettings.
2.2
2.4
3.6
0,1,2,3
0,1,2
0,1
0
1,2,3
1,2
1
2,3
3
2
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
Figure 4. Maximum System Frequency
Electrical Characteristics
Active Mode Supply Current Into VCC Excluding External Current
over recommended operating free-air temperature (unless otherwise noted)
(1) (2) (3)
FREQUENCY (fDCO = fMCLK = fSMCLK)
EXECUTION
PARAMETER
VCC
PMMCOREVx
1 MHz
8 MHz
12 MHz
20 MHz
25 MHz
UNIT
MEMORY
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
0
0.36
0.47
2.32
2.60
1
0.40
2.65
4.0
4.4
IAM, Flash
Flash
3.0 V
mA
2
0.44
2.90
4.3
7.1
7.7
3
0.46
3.10
4.6
7.6
10.1
11.0
0
0.20
0.29
1.20
1.30
1
0.22
1.35
2.0
2.2
IAM, RAM
RAM
3.0 V
mA
2
0.24
1.50
2.2
3.7
4.2
3
0.26
1.60
2.4
3.9
5.3
6.2
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external load
capacitance are chosen to closely match the required 12.5 pF.
(3)
Characterized with program executing typical data processing.
fACLK = 32786 Hz, fDCO = fMCLK = fSMCLK at specified frequency.
XTS = CPUOFF = SCG0 = SCG1 = OSCOFF= SMCLKOFF = 0.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com