| Electronic Components Datasheet Search |
|
MSP430F5259 Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F5259 Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 107 page ![]() MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256 MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252 www.ti.com SLAS903A – MAY 2013 – REVISED JULY 2013 TA1 (Link to user's guide) TA1 is a 16-bit timer/counter (Timer_A type) with three capture/compare registers. It can support multiple captures or compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 16. TA1 Signal Connections INPUT PIN OUTPUT PIN DEVICE INPUT MODULE INPUT MODULE DEVICE OUTPUT NUMBER NUMBER MODULE BLOCK SIGNAL SIGNAL OUTPUT SIGNAL SIGNAL RGC, ZQE, YFF RGC, ZQE, YFF 24, G5, G4 - P1.6 TA1CLK TACLK ACLK (internal) ACLK Timer NA NA SMCLK (internal) SMCLK 24, G5, G4 - P1.6 TA1CLK TACLK 25, H5, F4 - P1.7 TA1.0 CCI0A 25, H5, F4 - P1.7 DVSS CCI0B CCR0 TA0 TA1.0 DVSS GND DVCC VCC 26, J5, H5 - P2.0 TA1.1 CCI1A 26, J5, H5 - P2.0 CBOUT (internal) CCI1B CCR1 TA1 TA1.1 DVSS GND DVCC VCC 27, G6, E4 - P2.1 TA1.2 CCI2A 27, G6, E4 - P2.1 ACLK (internal) CCI2B CCR2 TA2 TA1.2 DVSS GND DVCC VCC TA2 (Link to user's guide) TA2 is a 16-bit timer/counter (Timer_A type) with three capture/compare registers. It can support multiple captures or compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 17. TA2 Signal Connections INPUT PIN OUTPUT PIN DEVICE INPUT MODULE INPUT MODULE DEVICE OUTPUT NUMBER NUMBER MODULE BLOCK SIGNAL SIGNAL OUTPUT SIGNAL SIGNAL RGC, ZQE, YFF RGC, ZQE, YFF 1, A1, C2 - P6.0 TA2CLK TACLK ACLK (internal) ACLK Timer NA NA SMCLK (internal) SMCLK 1, A1, C2 - P6.0 TA2CLK TACLK 2, B2, A1 - P6.1 TA2.0 CCI0A 2, B2, A1 - P6.1 DVSS CCI0B CCR0 TA0 TA2.0 DVSS GND DVCC VCC 3, B1, B2 - P6.2 TA2.1 CCI1A 3, B1, B2 - P6.2 CBOUT (internal) CCI1B CCR1 TA1 TA2.1 DVSS GND DVCC VCC 4, C2, C3 - P6.3 TA2.2 CCI2A 4, C2, C3 - P6.3 ACLK (internal) CCI2B CCR2 TA2 TA2.2 DVSS GND DVCC VCC Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback 29 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |