Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 56 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 52Page - Texas Instruments MSP430F5259 Datasheet HTML 53Page - Texas Instruments MSP430F5259 Datasheet HTML 54Page - Texas Instruments MSP430F5259 Datasheet HTML 55Page - Texas Instruments MSP430F5259 Datasheet HTML 56Page - Texas Instruments MSP430F5259 Datasheet HTML 57Page - Texas Instruments MSP430F5259 Datasheet HTML 58Page - Texas Instruments MSP430F5259 Datasheet HTML 59Page - Texas Instruments MSP430F5259 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Crystal Oscillator, XT1, Low-Frequency Mode
(1)
(continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 32768 Hz, XTS = 0,
XT1BYPASS = 0, XT1DRIVEx = 0,
1000
TA = 25°C, CL,eff = 6 pF
tSTART,LF
Startup time, LF mode
3.0 V
ms
fOSC = 32768 Hz, XTS = 0,
XT1BYPASS = 0, XT1DRIVEx = 3,
500
TA = 25°C, CL,eff = 12 pF
Crystal Oscillator, XT2
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 4 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 0,
200
TA = 25°C
fOSC = 12 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 1,
260
TA = 25°C
XT2 oscillator crystal current
IDVCC.XT2
3.0 V
µA
consumption
fOSC = 20 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 2,
325
TA = 25°C
fOSC = 32 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 3,
450
TA = 25°C
XT2 oscillator crystal frequency,
fXT2,HF0
XT2DRIVEx = 0, XT2BYPASS = 0(3)
4
8
MHz
mode 0
XT2 oscillator crystal frequency,
fXT2,HF1
XT2DRIVEx = 1, XT2BYPASS = 0 (3)
8
16
MHz
mode 1
XT2 oscillator crystal frequency,
fXT2,HF2
XT2DRIVEx = 2, XT2BYPASS = 0 (3)
16
24
MHz
mode 2
XT2 oscillator crystal frequency,
fXT2,HF3
XT2DRIVEx = 3, XT2BYPASS = 0 (3)
24
32
MHz
mode 3
XT2 oscillator logic-level square-
XT2BYPASS = 1(4) (3)
fXT2,HF,SW
wave input frequency, bypass
0.7
32
MHz
XT2BYPASSLV = 0 or 1
mode
XT2DRIVEx = 0, XT2BYPASS = 0,
450
fXT2,HF0 = 6 MHz, CL,eff = 15 pF
XT2DRIVEx = 1, XT2BYPASS = 0,
320
fXT2,HF1 = 12 MHz, CL,eff = 15 pF
Oscillation allowance for
OAHF
Ω
HF crystals(5)
XT2DRIVEx = 2, XT2BYPASS = 0,
200
fXT2,HF2 = 20 MHz, CL,eff = 15 pF
XT2DRIVEx = 3, XT2BYPASS = 0,
200
fXT2,HF3 = 32 MHz, CL,eff = 15 pF
(1)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
(2)
To improve EMI on the XT2 oscillator the following guidelines should be observed.
(a) Keep the traces between the device and the crystal as short as possible.
(b) Design a good ground plane around the oscillator pins.
(c) Prevent crosstalk from other clock or data lines into oscillator pins XT2IN and XT2OUT.
(d) Avoid running PCB traces underneath or adjacent to the XT2IN and XT2OUT pins.
(e) Use assembly materials and techniques that avoid any parasitic load on the oscillator XT2IN and XT2OUT pins.
(f) If conformal coating is used, make sure that it does not induce capacitive or resistive leakage between the oscillator pins.
(3)
This represents the maximum frequency that can be input to the device externally. Maximum frequency achievable on the device
operation is based on the frequencies present on ACLK, MCLK, and SMCLK cannot be exceed for a given range of operation.
(4)
When XT2BYPASS is set, the XT2 circuit is automatically powered down. Input signal is a digital square wave with parametrics defined
in the Schmitt-trigger Inputs section of this datasheet. When in crystal bypass mode, XT2IN can be configured so that it can support an
input digital waveform with swing levels from DVSS to DVCC (XT2BYPASSLV = 0) or DVSS to DVIO (XT2BYPASSLV = 1). In this case,
it is required that the pin be configured properly for the intended input swing.
(5)
Oscillation allowance is based on a safety factor of 5 for recommended crystals.
56
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com