Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 69 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 65Page - Texas Instruments MSP430F5259 Datasheet HTML 66Page - Texas Instruments MSP430F5259 Datasheet HTML 67Page - Texas Instruments MSP430F5259 Datasheet HTML 68Page - Texas Instruments MSP430F5259 Datasheet HTML 69Page - Texas Instruments MSP430F5259 Datasheet HTML 70Page - Texas Instruments MSP430F5259 Datasheet HTML 71Page - Texas Instruments MSP430F5259 Datasheet HTML 72Page - Texas Instruments MSP430F5259 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903A – MAY 2013 – REVISED JULY 2013
10-Bit ADC, Power Supply and Input Range Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC and DVCC are connected together,
AVCC
Analog supply voltage
AVSS and DVSS are connected together,
1.8
3.6
V
V(AVSS) = V(DVSS) = 0 V
All ADC10_A pins: P1.0 to P1.5 and P3.6 and
V(Ax)
Analog input voltage range(2)
0
AVCC
V
P3.7 terminals
fADC10CLK = 5.0 MHz, ADC10ON = 1,
2.2 V
60
100
Operating supply current into
AVCC terminal, REF module
REFON = 0, SHT0 = 0, SHT1 = 0,
µA
3 V
75
110
and reference buffer off
ADC10DIV = 0, ADC10SREF = 00
fADC10CLK = 5.0 MHz, ADC10ON = 1,
Operating supply current into
AVCC terminal, REF module
REFON = 1, SHT0 = 0, SHT1 = 0,
3 V
113
150
µA
on, reference buffer on
ADC10DIV = 0, ADC10SREF = 01
fADC10CLK = 5.0 MHz, ADC10ON = 1,
IADC10_A
Operating supply current into
REFON = 0, SHT0 = 0, SHT1 = 0,
AVCC terminal, REF module
3 V
105
140
µA
ADC10DIV = 0, ADC10SREF = 10,
off, reference buffer on
VEREF = 2.5 V
fADC10CLK = 5.0 MHz, ADC10ON = 1,
Operating supply current into
REFON = 0, SHT0 = 0, SHT1 = 0,
AVCC terminal, REF module
3 V
70
110
µA
ADC10DIV = 0, ADC10SREF = 11,
off, reference buffer off
VEREF = 2.5 V
Only one terminal Ax can be selected at one
CI
Input capacitance
time from the pad to the ADC10_A capacitor
2.2 V
3.5
pF
array including wiring and pad
AVCC > 2 V, 0 V ≤ VAx ≤ AVCC
36
RI
Input MUX ON resistance
k
Ω
1.8 V < AVCC < 2 V, 0 V ≤ VAx ≤ AVCC
96
(1)
The leakage current is defined in the leakage current table with P6.x/Ax parameter.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results. The external
reference voltage requires decoupling capacitors. See ().
10-Bit ADC, Timing Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
For specified performance of ADC10_A linearity
fADC10CLK
2.2 V, 3 V
0.45
5
5.5
MHz
parameters
Internal ADC10_A
fADC10OSC
ADC10DIV = 0, fADC10CLK = fADC10OSC
2.2 V, 3 V
4.2
4.8
5.4
MHz
oscillator(1)
REFON = 0, Internal oscillator, 12 ADC10CLK
cycles, 10-bit mode
2.2 V, 3 V
2.4
3.0
fADC10OSC = 4 MHz to 5 MHz
tCONVERT
Conversion time
µs
External fADC10CLK from ACLK, MCLK or SMCLK,
ADC10SSEL
≠ 0
Turn on settling time of
(2)t
ADC10ON
See (3)
100
ns
the ADC
1.8 V
3
µs
tSample
Sampling time
RS = 1000 Ω, RI = 96 k Ω, CI = 3.5 pF
(4)
3.0 V
1
µs
(1)
The ADC10OSC is sourced directly from MODOSC inside the UCS.
(2)
12 × ADC10DIV × 1/fADC10CLK
(3)
The condition is that the error in a conversion started after tADC10ON is less than ±0.5 LSB. The reference and input signal are already
settled.
(4)
Approximately eight Tau (
τ) are needed to get an error of less than ±0.5 LSB
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com