Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5259
Description  MSP430F525x Mixed Signal Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F5259 Datasheet HTML 16Page - Texas Instruments MSP430F5259 Datasheet HTML 17Page - Texas Instruments MSP430F5259 Datasheet HTML 18Page - Texas Instruments MSP430F5259 Datasheet HTML 19Page - Texas Instruments MSP430F5259 Datasheet HTML 20Page - Texas Instruments MSP430F5259 Datasheet HTML 21Page - Texas Instruments MSP430F5259 Datasheet HTML 22Page - Texas Instruments MSP430F5259 Datasheet HTML 23Page - Texas Instruments MSP430F5259 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903A – MAY 2013 – REVISED JULY 2013
www.ti.com
Bootstrap Loader - UART
The UART BSL enables users to program the flash memory or RAM using a UART serial interface. Access to the
device memory via the BSL is protected by an user-defined password. Because the F525x have split I/O power
domains, it is possible to interface with the BSL from either the DVCC or DVIO supply domains. This is useful
when the MSP430 is interfacing to a host on the DVIO supply domain. The BSL interface on the DVIO supply
domain (Table 8) uses the USCI_A0 module configured as a UART. The BSL interface on the DVCC supply
domain (Table 7) uses a timer-based UART.
For applications in which it is desirable to have BSL communication based on the DVCC supply domain, entry to
the BSL requires a specific sequence on the RSTDVCC/SBWTDIO and TEST/SBWTCK pins. Table 7 shows the
required pins and their function.
Table 7. DVCC BSL Pin Requirements and Functions
DEVICE SIGNAL
BSL FUNCTION
RSTDVCC/SBWTDIO
External reset
TEST/SBWTCK
Enable BSL
P6.1
Data transmit
P6.2
Data receive
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
NOTE
Devices that are factory programmed with an UART BSL use the DVCC power supply
domain pin configuration per default (see Table 7).
NOTE
To
invoke
the
BSL
from
the
DVCC
domain,
the
RSTDVCC/SBWTDIO
and
TEST/SBWTCK pins must be used for the entry sequence. It is critical not to confuse the
RST/NMI pin with the RSTDVCC/SBWTDIO pin. In other MSP430 devices, SBWTDIO is
shared with the RST/NMI pin and RSTDVCC does not exist. Additional information can be
found in Designing with MSP430F522x and MSP430F521x Devices (SLAA558).
When using the DVIO supply domain for the BSL, entry to the BSL requires a specific sequence on the RST/NMI
and BSLEN pins. Table 8 shows the required pins and their functions. For further details on interfacing to
development tools and device programmers, see the MSP430™ Hardware Tools User's Guide (SLAU278). For a
complete description of the features of the BSL and its implementation, see the MSP430™ Programming Via the
Bootstrap Loader User's Guide (SLAU319). The BSL on the DVIO supply domain uses the USCI_A0 module
configured as a UART.
Table 8. DVIO BSL Pin Requirements and Functions
DEVICE SIGNAL
BSL FUNCTION
RST/NMI
External reset
BSLEN
Enable BSL
P3.3
Data transmit
P3.4
Data receive
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com