Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 40 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 36Page - Texas Instruments MSC1210 Datasheet HTML 37Page - Texas Instruments MSC1210 Datasheet HTML 38Page - Texas Instruments MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments MSC1210 Datasheet HTML 42Page - Texas Instruments MSC1210 Datasheet HTML 43Page - Texas Instruments MSC1210 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
40
Timer/Counter Control (TCON)
7
6
5
4
3
2
1
0
Reset Value
SFR 88h
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00h
TF1
Timer 1 Overflow Flag. This bit indicates when Timer 1 overflows its maximum count as defined by the current mode.
bit 7
This bit can be cleared by software and is automatically cleared when the CPU vectors to the Timer 1 interrupt service
routine.
0: No Timer 1 overflow has been detected.
1: Timer 1 has overflowed its maximum count.
TR1
Timer 1 Run Control. This bit enables/disables the operation of Timer 1. Halting this timer will preserve the current count
bit 6
in TH1, TL1.
0: Timer is halted.
1: Timer is enabled.
TF0
Timer 0 Overflow Flag. This bit indicates when Timer 0 overflows its maximum count as defined by the current mode.
bit 5
This bit can be cleared by software and is automatically cleared when the CPU vectors to the Timer 0 interrupt service
routine.
0: No Timer 0 overflow has been detected.
1: Timer 0 has overflowed its maximum count.
TR0
Timer 0 Run Control. This bit enables/disables the operation of Timer 0. Halting this timer will preserve the current
bit 4
count in TH0, TL0.
0: Timer is halted.
1: Timer is enabled.
IE1
Interrupt 1 Edge Detect. This bit is set when an edge/level of the type defined by IT1 is detected. If IT1 = 1, this bit
bit 3
will remain set until cleared in software or the start of the External Interrupt 1 service routine. If IT1 = 0, this bit will
inversely reflect the state of the INT1 pin.
IT1
Interrupt 1 Type Select. This bit selects whether the INT1 pin will detect edge or level triggered interrupts.
bit 2
0: INT1 is level triggered.
1: INT1 is edge triggered.
IE0
Interrupt 0 Edge Detect. This bit is set when an edge/level of the type defined by IT0 is detected. If IT0 = 1, this bit
bit 3
will remain set until cleared in software or the start of the External Interrupt 0 service routine. If IT0 = 0, this bit will
inversely reflect the state of the INT0 pin.
IT0
Interrupt 0 Type Select. This bit selects whether the INT0 pin will detect edge or level triggered interrupts.
bit 2
0: INT0 is level triggered.
1: INT0 is edge triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com