Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 38 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 34Page - Texas Instruments MSC1210 Datasheet HTML 35Page - Texas Instruments MSC1210 Datasheet HTML 36Page - Texas Instruments MSC1210 Datasheet HTML 37Page - Texas Instruments MSC1210 Datasheet HTML 38Page - Texas Instruments MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments MSC1210 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
38
Port 0 (P0)
7
6
5
4
3
2
1
0
Reset Value
SFR 80h
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
FFh
P0.7−0
Port 0. This port functions as a multiplexed address/data bus during external memory access, and as a general-
bits 7−0
purpose I/O port when external memory access is not needed. During external memory cycles, this port will contain
the LSB of the address when ALE is HIGH, and Data when ALE is LOW. When used as a general-purpose I/O, this
port drive is selected by P0DDRL and P0DDRH (ACh, ADh). Whether Port 0 is used as general-purpose I/O or for
external memory access is determined by the Flash Configuration Register (HCR1.1)
Stack Pointer (SP)
7
6
5
4
3
2
1
0
Reset Value
SFR 81h
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
07h
SP.7−0
Stack Pointer. The stack pointer identifies the location where the stack will begin. The stack pointer is incremented
bits 7−0
before every PUSH or CALL operation and decremented after each POP or RET/RETI. This register defaults to 07h
after reset.
Data Pointer Low 0 (DPL0)
7
6
5
4
3
2
1
0
Reset Value
SFR 82h
DPL0.7
DPL0.6
DPL0.5
DPL0.4
DPL0.3
DPL0.2
DPL0.1
DPL0.0
00h
DPL0.7−0
Data Pointer Low 0. This register is the low byte of the standard 8051 16-bit data pointer. DPL0 and DPH0 are
bits 7−0
used to point to non-scratchpad data RAM. The current data pointer is selected by DPS (SFR 86h).
Data Pointer High 0 (DPH0)
7
6
5
4
3
2
1
0
Reset Value
SFR 83h
DPH0.7
DPH0.6
DPH0.5
DPH0.4
DPH0.3
DPH0.2
DPH0.1
DPH0.0
00h
DPH0.7−0
Data Pointer High 0. This register is the high byte of the standard 8051 16-bit data pointer. DPL0 and DPH0 are
bits 7−0
used to point to non-scratchpad data RAM. The current data pointer is selected by DPS (SFR 86h).
Data Pointer Low 1 (DPL1)
7
6
5
4
3
2
1
0
Reset Value
SFR 84h
DPL1.7
DPL1.6
DPL1.5
DPL1.4
DPL1.3
DPL1.2
DPL1.1
DPL1.0
00h
DPL1.7−0
Data Pointer Low 1. This register is the low byte of the auxiliary 16-bit data pointer. When the SEL bit (DPS.0,
bits 7−0
SFR 86h) is set, DPL1 and DPH1 are used in place of DPL0 and DPH0 during DPTR operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com