Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 42 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 38Page - Texas Instruments MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments MSC1210 Datasheet HTML 42Page - Texas Instruments MSC1210 Datasheet HTML 43Page - Texas Instruments MSC1210 Datasheet HTML 44Page - Texas Instruments MSC1210 Datasheet HTML 45Page - Texas Instruments MSC1210 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
42
Timer 0 MSB (TH0)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Ch
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
00h
TH0.7−0
Timer 0 MSB. This register contains the most significant byte of Timer 0.
bits 7−0
Timer 1 MSB (TH1)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Dh
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
00h
TH1.7−0
Timer 1 MSB. This register contains the most significant byte of Timer 1.
bits 7−0
Clock Control (CKCON)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Eh
0
0
T2M
T1M
T0M
MD2
MD1
MD0
01h
T2M
Timer 2 Clock Select. This bit controls the division of the system clock that drives Timer 2. This bit has no effect when
bit 5
the timer is in baud rate generator or clock output mode. Clearing this bit to 0 maintains 8051 compatibility. This bit
has no effect on instruction cycle timing.
0: Timer 2 uses a divide-by-12 of the crystal frequency.
1: Timer 2 uses a divide-by-4 of the crystal frequency.
T1M
Timer 1 Clock Select. This bit controls the division of the system clock that drives Timer 1. Clearing this bit to 0
bit 4
maintains 8051 compatibility. This bit has no effect on instruction cycle timing.
0: Timer 1 uses a divide-by-12 of the crystal frequency.
1: Timer 1 uses a divide-by-4 of the crystal frequency.
T0M
Timer 0 Clock Select. This bit controls the division of the system clock that drives Timer 0. Clearing this bit to 0
bit 3
maintains 8051 compatibility. This bit has no effect on instruction cycle timing.
0: Timer 0 uses a divide-by-12 of the crystal frequency.
1: Timer 0 uses a divide-by-4 of the crystal frequency.
MD2, MD1, MD0
Stretch MOVX Select 2−0. These bits select the time by which external MOVX cycles are to be stretched. This
bits 2−0
allows slower memory or peripherals to be accessed without using ports or manual software intervention. The
width of the RD or WR strobe will be stretched by the specified interval, which will be transparent to the software
except for the increased time to execute the MOVX instruction. All internal MOVX instructions on devices
containing MOVX SRAM are performed at the 2 instruction cycle rate.
MD2
MD1
MD0
STRETCH
VALUE
MOVX DURATION
RD or WR STROBE WIDTH
(SYS CLKs)
RD or WR STROBE WIDTH
(
ms) at 12MHz
0
0
0
0
2 Instruction Cycles
2
0.167
0
0
1
1
3 Instruction Cycles (default)
4
0.333
0
1
0
2
4 Instruction Cycles
8
0.667
0
1
1
3
5 Instruction Cycles
12
1.000
1
0
0
4
6 Instruction Cycles
16
1.333
1
0
1
5
7 Instruction Cycles
20
1.667
1
1
0
6
8 Instruction Cycles
24
2.000
1
1
1
7
9 Instruction Cycles
28
2.333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com