Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 22 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 18Page - Texas Instruments MSC1210 Datasheet HTML 19Page - Texas Instruments MSC1210 Datasheet HTML 20Page - Texas Instruments MSC1210 Datasheet HTML 21Page - Texas Instruments MSC1210 Datasheet HTML 22Page - Texas Instruments MSC1210 Datasheet HTML 23Page - Texas Instruments MSC1210 Datasheet HTML 24Page - Texas Instruments MSC1210 Datasheet HTML 25Page - Texas Instruments MSC1210 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
22
Family Device Compatibility
The hardware functionality and pin configuration across the
MSC1210 family are fully compatible. To the user the only
difference between family members is the memory
configuration.
This
makes
migration
between
family
members simple. Code written for the MSC1210Y2 can be
executed directly on an MSC1210Y3, MSC1210Y4, or
MSC1210Y5. This gives the user the ability to add or subtract
software functions and to freely migrate between family
members. Thus, the MSC1210 can become a standard
device used across several application platforms.
Family Development Tools
The MSC1210 is fully compatible with the standard 8051
instruction set. This means that the user can develop
software for the MSC1210 with their existing 8051
development tools. Additionally, a complete, integrated
development environment is provided with each demo
board, and third-party developers also provide support.
Power Down Modes
The MSC1210 can power several of the on-chip peripherals
and put the CPU into IDLE. For more information, see page
26.
OVERVIEW
The MSC1210 ADC structure is shown in Figure 11. The
figure lists the components that make up the ADC, along
with the corresponding special function register (SFR)
associated with each component.
INPUT MULTIPLEXER
The input multiplexer provides for any combination of
differential inputs to be selected as the input channel, as
shown in Figure 12. If AIN0 is selected as the positive
differential input channel, any other channel can be selected
as the negative differential input channel. With this method,
it is possible to have up to eight fully differential input
channels. It is also possible to switch the polarity of the
differential input pair to negate any offset voltages.
In addition, current sources are supplied that will source or
sink current to detect open or short circuits on the pins.
TEMPERATURE SENSOR
On-chip diodes provide temperature sensing capability.
When the configuration register for the input MUX is set to
all 1s, the diodes are connected to the input of the ADC.
All other channels are open.
Σ
Σ
X
Input
Multiplexer
Temperature
Sensor
Buffer
PGA
Sample
and Hold
ADMUX
D7
H
REFIN+
REFIN
−
REFIN+
f
MO D
REFIN
−
AIN5
AIN6
AIN7
AINCOM
ADCON1
DD
H
ADCON2
DE
H
ADCON3
DF
H
OCR
GCR
ADRES
SUMR
D3
H D2H D1H
D6
H D5H D4H
DB
H DAH D9H
E5
H E4H E3H E2H
Offset
Calibration
Register
ADC0N0
DC
H
ACLK
F6
H
SSCON
E1
H
ODAC
E6
H
Offset
DAC
∆Σ ADC
Modulator
FAST
SINC2
SINC3
AUTO
ADC
Result Register
Σ
Summation
Block
V
IN
AIN2
AIN3
AIN4
AIN0
AIN1
f
SA M P
f
DA TA
Gain
Calibration
Register
Burnout
Detect
AV
DD
In+
AGND
In
−
Burnout
Detect
Figure 11. MSC1210 ADC Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com