Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 74 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 74 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 70Page - Texas Instruments MSC1210 Datasheet HTML 71Page - Texas Instruments MSC1210 Datasheet HTML 72Page - Texas Instruments MSC1210 Datasheet HTML 73Page - Texas Instruments MSC1210 Datasheet HTML 74Page - Texas Instruments MSC1210 Datasheet HTML 75Page - Texas Instruments MSC1210 Datasheet HTML 76Page - Texas Instruments MSC1210 Datasheet HTML 77Page - Texas Instruments MSC1210 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
74
Low Voltage Detect Control (LVDCON)
7
6
5
4
3
2
1
0
Reset Value
SFR E7h
ALVDIS
ALVD2
ALVD1
ALVD0
DLVDIS
DLVD2
DLVD1
DLVD0
00h
ALVDIS
Analog Low Voltage Detect Disable.
bit 7
0 = Enable Detection of Low Analog Supply Voltage
1 = Disable Detection of Low Analog Supply Voltage
ALVD2−0
Analog Voltage Detection Level.
bits 6−4
ALVD2
ALVD1
ALVD0
VOLTAGE LEVEL
0
0
0
AVDD 2.7V (default)
0
0
1
AVDD 3.0V
0
1
0
AVDD 3.3V
0
1
1
AVDD 4.0V
1
0
0
AVDD 4.2V
1
0
1
AVDD 4.5V
1
1
0
AVDD 4.7V
1
1
1
External Voltage AIN7 compared to
1.2V
DLVDIS
Digital Low Voltage Detect Disable.
bit 3
0 = Enable Detection of Low Digital Supply Voltage
1 = Disable Detection of Low Digital Supply Voltage
DLVD2−0
Digital Voltage Detection Level.
bits 2−0
DLVD2
DLVD1
DLVD0
VOLTAGE LEVEL
0
0
0
DVDD 2.7V (default)
0
0
1
DVDD 3.0V
0
1
0
DVDD 3.3V
0
1
1
DVDD 4.0V
1
0
0
DVDD 4.2V
1
0
1
DVDD 4.5V
1
1
0
DVDD 4.7V
1
1
1
External Voltage AIN6 compared to
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com