Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 25 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 21Page - Texas Instruments MSC1210 Datasheet HTML 22Page - Texas Instruments MSC1210 Datasheet HTML 23Page - Texas Instruments MSC1210 Datasheet HTML 24Page - Texas Instruments MSC1210 Datasheet HTML 25Page - Texas Instruments MSC1210 Datasheet HTML 26Page - Texas Instruments MSC1210 Datasheet HTML 27Page - Texas Instruments MSC1210 Datasheet HTML 28Page - Texas Instruments MSC1210 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
25
SINC3 FILTER RESPONSE
(
−3dB = 0.262 • f
DATA)
f
DATA
0
−20
−40
−60
−80
−100
−120
0
1
234
5
0
1
234
5
0
1
234
5
SINC2 FILTER RESPONSE
(
−3dB = 0.318 • f
DATA)
f
DATA
0
−20
−40
−60
−80
−100
−120
FAST SETTLING FILTER RESPONSE
(
−3dB = 0.469 • f
DATA)
f
DATA
0
−20
−40
−60
−80
−100
−120
NOTE: f
DATA = Data Output Rate = 1/tDATA
Figure 15. Filter Frequency Responses
VOLTAGE REFERENCE
The MSC1210 can use either an internal or external
voltage reference. The voltage reference selection is
controlled via ADC Control Register 0 (ADCON0, SFR
DCh). The default power-up configuration for the voltage
reference is 2.5V internal.
The internal voltage reference can be selected as either
1.25V or 2.5V. The analog power supply (AVDD) must be
within the specified range for the selected internal voltage
reference. The valid ranges are: VREF = 2.5 internal
(AVDD = 3.3V to 5.25V) and VREF = 1.25 internal
(AVDD = 2.7V to 5.25V). If the internal VREF is selected,
then the REFOUT pin must be connected to REFIN+, and
AGND must be connected to REFIN−. The REFOUT pin
should also have a 0.1
µF capacitor connected to AGND,
as close as possible to the pin. If the internal VREF is not
used, then VREF should be disabled in ADCON0.
If the external voltage reference is selected, it can be used
as either a single-ended input or differential input, for
ratiometric measures. When using an external reference,
it is important to note that the input current will increase for
VREF with higher PGA settings and with a higher
modulator frequency. The external voltage reference can
be used over the input range specified in the Electrical
Characteristics section.
POWER-ON RESET
The on-chip power-on reset (POR) circuitry releases the
device from reset at approximately DVDD = 2.0V. The POR
accommodates power-supply ramp rates as slow as
1V/10ms. To ensure proper operation, the power supply
should ramp monotonically. Note that as the device is
released from reset and program execution begins, the
device current consumption may increase, which may
result in a power-supply voltage drop. If the power supply
ramps at a slower rate, is not monotonic, or a brownout
condition occurs (where the supply does not drop below
the 2.0V threshold), then improper device operation may
occur. The on-chip brownout reset may provide benefit in
these conditions. Figure 16 shows a POR circuit.
10k
Ω
13
RST
MSC1210
0.1
µF
1M
Ω
DV
DD
Figure 16. POR Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com