Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 34 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 30Page - Texas Instruments MSC1210 Datasheet HTML 31Page - Texas Instruments MSC1210 Datasheet HTML 32Page - Texas Instruments MSC1210 Datasheet HTML 33Page - Texas Instruments MSC1210 Datasheet HTML 34Page - Texas Instruments MSC1210 Datasheet HTML 35Page - Texas Instruments MSC1210 Datasheet HTML 36Page - Texas Instruments MSC1210 Datasheet HTML 37Page - Texas Instruments MSC1210 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
34
Hardware Configuration Register 1 (HCR1)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CADDR 7Eh
DBLSEL1
DBLSEL0
ABLSEL1
ABLSEL0
DAB
DDB
EGP0
EGP23
To read this register during normal operation, refer to the register descriptions for CADDR and CDATA.
DBLSEL
Digital Brownout Level Select
bits 7−6
00: 4.5V
01: 4.2V
10: 2.7V
11: 2.5V (default)
ABLSEL
Analog Brownout Level Select
bits 5−4
00: 4.5V
01: 4.2V
10: 2.7V
11: 2.5V (default)
DAB
Disable Analog Power-Supply Brownout Reset
bit 3
0: Enable Analog Brownout Reset
1: Disable Analog Brownout Reset (default) (will not disable unless AVDD > 2.0V)
DDB
Disable Digital Power-Supply Brownout Reset
bit 2
0: Enable Digital Brownout Reset
1: Disable Digital Brownout Reset (default)
EGP0
Enable General-Purpose I/O for Port 0
bit 1
0: Port 0 is Used for External Memory, P3.6 and P3.7 Used for WR and RD.
1: Port 0 is Used as General-Purpose I/O (default)
EGP23
Enable General-Purpose I/O for Ports 2 and 3
bit 0
0: Port 2 is Used for External Memory, P3.6 and P3.7. Used for WR and RD.
1: Port 2 and Port3 are Used as General-Purpose I/O (default)
Configuration Memory Programming
Certain key functions such as Brownout Reset and Watchdog Timer are controlled by the hardware configuration bits.
These bits are nonvolatile and can only be changed through serial and parallel programming. Other peripheral control and
status functions, such as ADC configuration, timer setup, and Flash control, are controlled through the SFRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com