Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 49 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 45Page - Texas Instruments MSC1210 Datasheet HTML 46Page - Texas Instruments MSC1210 Datasheet HTML 47Page - Texas Instruments MSC1210 Datasheet HTML 48Page - Texas Instruments MSC1210 Datasheet HTML 49Page - Texas Instruments MSC1210 Datasheet HTML 50Page - Texas Instruments MSC1210 Datasheet HTML 51Page - Texas Instruments MSC1210 Datasheet HTML 52Page - Texas Instruments MSC1210 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
49
Auxiliary Interrupt Enable (AIE)
7
6
5
4
3
2
1
0
Reset Value
SFR A6h
ESEC
ESUM
EADC
EMSEC
ESPIT
ESPIR
EALV
EDLVB
00h
Interrupts are enabled by EICON.4 (SFR D8H). The other interrupts are controlled by the IE and EIE registers.
ESEC
Enable Seconds Timer Interrupt (lowest priority auxiliary interrupt).
bit 7
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of Seconds Timer Interrupt before masking.
ESUM
Enable Summation Interrupt.
bit 6
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of Summation Interrupt before masking.
EADC
Enable ADC Interrupt.
bit 5
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of ADC Interrupt before masking.
EMSEC
Enable Millisecond System Timer Interrupt.
bit 4
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of Millisecond System Timer Interrupt before masking.
ESPIT
Enable SPI Transmit Interrupt.
bit 3
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of SPI Transmit Interrupt before masking.
ESPIR
Enable SPI Receive Interrupt.
bit 2
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of SPI Receive Interrupt before masking.
EALV
Enable Analog Low Voltage Interrupt.
bit 1
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of Analog Low Voltage Interrupt before masking.
EDLVB
Enable Digital Low Voltage or Breakpoint Interrupt (highest priority auxiliary interrupt).
bit 0
Write: Set mask bit for this interrupt 0 = masked, 1 = enabled.
Read: Current value of Digital Low Voltage or Breakpoint Interrupt before masking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com