Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 37 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 37 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 33Page - Texas Instruments MSC1210 Datasheet HTML 34Page - Texas Instruments MSC1210 Datasheet HTML 35Page - Texas Instruments MSC1210 Datasheet HTML 36Page - Texas Instruments MSC1210 Datasheet HTML 37Page - Texas Instruments MSC1210 Datasheet HTML 38Page - Texas Instruments MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
37
SFR Definitions (continued) (Boldface definitions indicate that the register is unique to the MSC1210Yx)
ADDRESS
RESET VALUES
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
REGISTER
DBh
ADRESH
MSB
00h
DCh
ADCON0
—
BOD
EVREF
VREFH
EBUF
PGA2
PGA1
PGA0
30h
DDh
ADCON1
OF_UF
POL
SM1
SM0
—
CAL2
CAL1
CAL0
0000_0000b
DEh
ADCON2
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
1Bh
DFh
ADCON3
0
0
0
0
0
DR10
DR9
DR8
06h
E0h
ACC
00h
E1h
SSCON
SSCON1
SSCON0
SCNT2
SCNT1
SCNT0
SHF2
SHF1
SHF0
00h
E2h
SUMR0
00h
E3h
SUMR1
00h
E4h
SUMR2
00h
E5h
SUMR3
00h
E6h
ODAC
00h
E7h
LVDCON
ALVDIS
ALVD2
ALVD1
ALVD0
DLVDIS
DLVD2
DLVD1
DLVD0
00h
E8h
EIE
1
1
1
EWDI
EX5
EX4
EX3
EX2
E0h
E9h
HWPC0
0
0
0
0
0
0
MEMORY SIZE
0000_00xxb
EAh
HWPC1
0
0
0
0
0
0
0
0
00h
EBh
HDWVER
xxh
ECh
Reserved
00h
EDh
Reserved
00h
EEh
FMCON
0
PGERA
0
FRCM
0
BUSY
1
0
02h
EFh
FTCON
FER3
FER2
FER1
FER0
FWR3
FWR2
FWR1
FWR0
A5h
F0h
B
B.7
B.6
B.5
B.4
B.3
B.2
B.1
B.0
00h
F1h
PDCON
0
0
0
PDPWM
PDADC
PDWDT
PDST
PDSPI
1Fh
F2h
PASEL
0
0
PSEN2
PSEN1
PSEN0
0
ALE1
ALE0
00h
F3h
F4h
F5h
F6h
ACLK
0
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
F7h
SRST
0
0
0
0
0
0
0
RSTREQ
00h
F8h
EIP
1
1
1
PWDI
PX5
PX4
PX3
PX2
E0h
F9h
SECINT
WRT
SECINT6
SECINT5
SECINT4
SECINT3
SECINT2
SECINT1
SECINT0
7Fh
FAh
MSINT
WRT
MSINT6
MSINT5
MSINT4
MSINT3
MSINT2
MSINT1
MSINT0
7Fh
FBh
USEC
0
0
0
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FCh
MSECL
9Fh
FDh
MSECH
0Fh
FEh
HMSEC
63h
FFh
WDTCON
EWDT
DWDT
RWDT
WDCNT4
WDCNT3
WDCNT2
WDCNT1
WDCNT0
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com