Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 15 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 15 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 11Page - Texas Instruments MSC1210 Datasheet HTML 12Page - Texas Instruments MSC1210 Datasheet HTML 13Page - Texas Instruments MSC1210 Datasheet HTML 14Page - Texas Instruments MSC1210 Datasheet HTML 15Page - Texas Instruments MSC1210 Datasheet HTML 16Page - Texas Instruments MSC1210 Datasheet HTML 17Page - Texas Instruments MSC1210 Datasheet HTML 18Page - Texas Instruments MSC1210 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
15
TYPICAL CHARACTERISTICS
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fDATA = 10Hz, Buffer ON, and VREF = (REF IN+) − (REF IN−) = +2.5V, unless otherwise specified.
EFFECTIVE NUMBER OF BITS vs DATA RATE
23
22
21
20
19
18
17
16
15
14
13
12
11
10
Data Rate (SPS)
1
10
100
1000
Sinc3 Filter, Buffer OFF
PGA1
PGA8
PGA32
PGA64
PGA128
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
Decimation Ratio =
f
MOD
f
DATA
0
500
1000
1500
2000
PGA4
PGA1
PGA2
PGA16
PGA8
PGA32
PGA64
PGA128
Sinc3 Filter, Buffer OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
Sinc3 Filter, Buffer ON
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
AV
DD =3V, Sinc
3 Filter,
V
REF = 1.25V, Buffer OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
AV
DD =3V, Sinc
3 Filter,
V
REF = 1.25V, Buffer ON
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA32
PGA128
PGA16
PGA64
Decimation Ratio =
f
MOD
f
DATA
Sinc2 Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com