Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 16 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 12Page - Texas Instruments MSC1210 Datasheet HTML 13Page - Texas Instruments MSC1210 Datasheet HTML 14Page - Texas Instruments MSC1210 Datasheet HTML 15Page - Texas Instruments MSC1210 Datasheet HTML 16Page - Texas Instruments MSC1210 Datasheet HTML 17Page - Texas Instruments MSC1210 Datasheet HTML 18Page - Texas Instruments MSC1210 Datasheet HTML 19Page - Texas Instruments MSC1210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
16
TYPICAL CHARACTERISTICS (Continued)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fDATA = 10Hz, Buffer ON, and VREF = (REF IN+) − (REF IN−) = +2.5V, unless otherwise specified.
22
21
20
19
18
17
16
15
14
13
12
FAST SETTLING FILTER
EFFECTIVE NUMBER OF BITS vs DECIMATION RATIO
0
500
1000
1500
2000
1500
Decimation Ratio =
f
MOD
f
DATA
Fast Settling Filter
PGA = 1
PGA = 128
EFFECTIVE NUMBER OF BITS vs f
MOD
(set with ACLK)
25
20
15
10
5
0
Data Rate (SPS)
1
10
100
1k
10k
100k
f
MOD = 15.6kHz
f
MOD = 62.5kHz
f
MOD = 203kHz
f
MOD = 110kHz
f
MOD = 31.25kHz
EFFECTIVE NUMBER OF BITS vs f
MOD (set with ACLK)
WITH FIXED DECIMATION
25
20
15
10
5
0
Data Rate (SPS)
10
100
1k
10k
100k
DEC = 2020
DEC = 255
DEC = 500
DEC = 50
DEC = 20
DEC = 10
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
NOISE vs INPUT SIGNAL
V
IN (V)
−2.5
−1.5
0.5
−0.5
1.5
2.5
50
0
−50
−100
−150
−200
OFFSET vs TEMPERATURE
PGA1
PGA128
PGA64
Temperature ( C)
−50
−30
10
−10
30
50
70
90
PGA16
°
1.00010
1.00006
1.00002
0.99998
0.99994
0.99990
0.99986
GAIN vs TEMPERATURE
−50
−30
10
−10
30
50
70
90
Temperature ( C)
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com