Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 63 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 59Page - Texas Instruments MSC1210 Datasheet HTML 60Page - Texas Instruments MSC1210 Datasheet HTML 61Page - Texas Instruments MSC1210 Datasheet HTML 62Page - Texas Instruments MSC1210 Datasheet HTML 63Page - Texas Instruments MSC1210 Datasheet HTML 64Page - Texas Instruments MSC1210 Datasheet HTML 65Page - Texas Instruments MSC1210 Datasheet HTML 66Page - Texas Instruments MSC1210 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
63
Serial Port 1 Control (SCON1)
7
6
5
4
3
2
1
0
Reset Value
SFR C0h
SM0_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
00h
SM0−2
Serial Port 1 Mode. These bits control the mode of serial Port 1. Modes 1, 2, and 3 have 1 start and 1 stop bit
bits 7−5
in addition to the 8 or 9 data bits.
MODE
SM0
SM1
SM2
FUNCTION
LENGTH
PERIOD
0
0
0
0
Synchronous
8 bits
12 pCLK(1)
0
0
0
1
Synchronous
8 bits
4 pCLK(1)
1
0
1
0
Asynchronous
10 bits
Timer 1 Baud Rate Equation
1(2)
0
1
1
Valid Stop Required(3)
10 bits
Timer 1 or Baud Rate Equation
2
1
0
0
Asynchronous
11 bits
64 pCLK(1) (SMOD = 0)
32 pCLK(1) (SMOD = 1)
2
1
0
1
Asynchronous with Multiprocessor
Communication(4)
11 bits
64 pCLK(1) (SMOD = 0)
32 pCLK(1) (SMOD = 1)
3
1
1
0
Asynchronous
11 bits
Timer 1 Baud Rate Equation
3
1
1
1
Asynchronous with Multiprocessor
Communication(4)
11 bits
Timer 1 Baud Rate Equation
(1) pCLK will be equal to tCLK, except that pCLK will stop for IDLE.
(2) For modes 1 and 3, the selection of Timer 1 or 2 for baud rate is specified via the T2CON (C8h) register.
(3) RI_0 will only be activated when a valid STOP is received.
(4) RI_0 will not be activated if bit 9 = 0.
REN_1
Receive Enable. This bit enables/disables the serial Port 1 received shift register.
bit 4
0 = Serial Port 1 reception disabled.
1 = Serial Port 1 received enabled (modes 1, 2, and 3). Initiate synchronous reception (mode 0).
TB8_1
9th Transmission Bit State. This bit defines the state of the 9th transmission bit in serial Port 1 modes 2 and 3.
bit 3
RB8_1
9th Received Bit State. This bit identifies the state of the 9th reception bit of received data in serial Port 1 modes
bit 2
2 and 3. In serial port mode 1, when SM2_1 = 0, RB8_1 is the state of the stop bit. RB8_1 is not used in mode 0.
TI_1
Transmitter Interrupt Flag. This bit indicates that data in the serial Port 1 buffer has been completely shifted out.
bit 1
In serial port mode 0, TI_1 is set at the end of the 8th data bit. In all other modes, this bit is set at the end of the last
data bit. This bit must be cleared by software to transmit the next byte.
RI_1
Receiver Interrupt Flag. This bit indicates that a byte of data has been received in the serial Port 1 buffer. In serial
bit 0
port mode 0, RI_1 is set at the end of the 8th bit. In serial port mode 1, RI_1 is set after the last sample of the incoming
stop bit subject to the state of SM2_1. In modes 2 and 3, RI_1 is set after the last sample of RB8_1. This bit must
be cleared by software to receive the next byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com