Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 53 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 49Page - Texas Instruments MSC1210 Datasheet HTML 50Page - Texas Instruments MSC1210 Datasheet HTML 51Page - Texas Instruments MSC1210 Datasheet HTML 52Page - Texas Instruments MSC1210 Datasheet HTML 53Page - Texas Instruments MSC1210 Datasheet HTML 54Page - Texas Instruments MSC1210 Datasheet HTML 55Page - Texas Instruments MSC1210 Datasheet HTML 56Page - Texas Instruments MSC1210 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
53
Port 0 Data Direction Low Register (P0DDRL)
7
6
5
4
3
2
1
0
Reset Value
SFR ACh
P03H
P03L
P02H
P02L
P01H
P01L
P00H
P00L
00h
P0.3
Port 0 Bit 3 Control.
bits 7−6
P03H
P03L
0
0
Standard 8051 (Pull-Up)
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P0.2
Port 0 Bit 2 Control.
bits 5−4
P02H
P02L
0
0
Standard 8051 (Pull-Up)
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P0.1
Port 0 Bit 1 Control.
bits 3−2
P01H
P01L
0
0
Standard 8051 (Pull-Up)
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P0.0
Port 0 Bit 0 Control.
bits 1−0
P00H
P00L
0
0
Standard 8051 (Pull-Up)
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
NOTE: Port 0 also controlled by EA and Memory Access Control HCR1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com