Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 46 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 42Page - Texas Instruments MSC1210 Datasheet HTML 43Page - Texas Instruments MSC1210 Datasheet HTML 44Page - Texas Instruments MSC1210 Datasheet HTML 45Page - Texas Instruments MSC1210 Datasheet HTML 46Page - Texas Instruments MSC1210 Datasheet HTML 47Page - Texas Instruments MSC1210 Datasheet HTML 48Page - Texas Instruments MSC1210 Datasheet HTML 49Page - Texas Instruments MSC1210 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
46
Serial Data Buffer 0 (SBUF0)
7
6
5
4
3
2
1
0
Reset Value
SFR 99h
00h
SBUF0
Serial Data Buffer 0. Data for Serial Port 0 is read from or written to this location. The serial transmit and receive
bits 7−0
buffers are separate registers, but both are addressed at this location.
SPI Control (SPICON). Any change resets the SPI interface, counters, and pointers. PDCON controls which
is enabled.
7
6
5
4
3
2
1
0
Reset Value
SFR 9Ah
SCK2
SCK1
SCK0
0
ORDER
MSTR
CPHA
CPOL
00h
SCK
SCK Selection. Selection of tCLK divider for generation of SCK in Master mode.
bits 7−5
SCK2
SCK1
SCK0
SCK PERIOD
0
0
0
tCLK/2
0
0
1
tCLK/4
0
1
0
tCLK/8
0
1
1
tCLK/16
1
0
0
tCLK/32
1
0
1
tCLK/64
1
1
0
tCLK/128
1
1
1
tCLK/256
ORDER
Set Bit Order for Transmit and Receive.
bit 3
0: Most Significant Bits First
1: Least Significant Bits First
MSTR
SPI Master Mode.
bit 2
0: Slave Mode
1: Master Mode
CPHA
Serial Clock Phase Control.
bit 1
0: Valid data starting from half SCK period before the first edge of SCK
1: Valid data starting from the first edge of SCK
CPOL
Serial Clock Polarity.
bit 0
0: SCK idle at logic LOW
1: SCK idle at logic HIGH
SPI Data Register (SPIDATA)
7
6
5
4
3
2
1
0
Reset Value
SFR 9Bh
00h
SPIDATA
SPI Data Register. Data for SPI is read from or written to this location. The SPI transmit and receive buffers are
bits 7−0
separate registers, but both are addressed at this location. Read to clear the receive interrupt and write to clear the
transmit interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com