Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 32 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 28Page - Texas Instruments MSC1210 Datasheet HTML 29Page - Texas Instruments MSC1210 Datasheet HTML 30Page - Texas Instruments MSC1210 Datasheet HTML 31Page - Texas Instruments MSC1210 Datasheet HTML 32Page - Texas Instruments MSC1210 Datasheet HTML 33Page - Texas Instruments MSC1210 Datasheet HTML 34Page - Texas Instruments MSC1210 Datasheet HTML 35Page - Texas Instruments MSC1210 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
32
INTERRUPTS
The MSC1210 uses a three-priority interrupt system. As
shown in Table 6, each interrupt source has an
independent priority bit, flag, interrupt vector, and enable
(except that nine interrupts share the Auxiliary Interrupt
[AI] at the highest priority). In addition, interrupts can be
globally enabled or disabled. The interrupt structure is
compatible with the original 8051 family. All of the standard
interrupts are available.
HARDWARE CONFIGURATION MEMORY
The 128 configuration bytes can only be written during the
program mode. The bytes are accessed through SFR
registers CADDR (SFR 93h) and CDATA (SFR 94h). Two
of the configuration bytes control Flash partitioning and
system control. If the security bit is set, these bits can not
be changed except with a Mass Erase command that
erases all of the Flash Memory including the 128
configuration bytes.
Table 6. Interrupt Summary
INTERRUPT
PRIORITY
INTERRUPT/EVENT
ADDR
NUM
PRIORITY
FLAG
ENABLE
PRIORITY
CONTROL
DVDD Low Voltage/HW Breakpoint
33h
6
HIGH
EDLVB (AIE.0)(1)
EBP (BPCON.0)(1)
EDLVB (AIE.0)(1)
EBP (BPCON.0)(1)
N/A
AVDD Low Voltage
33h
6
0
EALV (AIE.1)(1)
EALV (AIE.1)(1)
N/A
SPI Receive
33h
6
0
ESPIR (AIE.2)(1)
ESPIR (AIE.2)(1)
N/A
SPI Transmit
33h
6
0
ESPIT (AIE.3)(1)
ESPIT (AIE.3)(1)
N/A
Milliseconds Timer
33h
6
0
EMSEC (AIE.4)(1)
EMSEC (AIE.4)(1)
N/A
ADC
33h
6
0
EADC (AIE.5)(1)
EADC (AIE.5)(1)
N/A
Summation Register
33h
6
0
ESUM (AIE.6)(1)
ESUM (AIE.6)(1)
N/A
Seconds Timer
33h
6
0
ESEC (AIE.7)(1)
ESEC (AIE.7)(1)
N/A
External Interrupt 0
03h
0
1
IE0 (TCON.1)(2)
EX0 (IE.0)(4)
PX0 (IP.0)
Timer 0 Overflow
0Bh
1
2
TF0 (TCON.5)(3)
ET1 (IE.1)(4)
PT0 (IP.1)
External Interrupt 1
13h
2
3
IE1 (TCON.3)(2)
EX1 (IE.2)(4)
PX1 (IP.2)
Timer 1 Overflow
0Bh
3
4
TF1 (TCON.7)(3)
ET1 (IE.3)(4)
PT1 (IP.3)
Serial Port 0
23h
4
5
RI_0 (SCON0.0)
TI_0 (SCON0.1)
ES0 (IE.4)(4)
PS0 (IP.4)
Timer 2 Overflow
2Bh
5
6
TF2 (T2CON.7)
ET2 (IE.5)(4)
PT2 (IP.5)
Serial Port 1
3Bh
7
7
RI_1 (SCON1.0)
TI_1 (SCON1.1)
ES1 (IE.6)(4)
PS1 (IP.6)
External Interrupt 2
43h
8
8
IE2 (EXIF.4)
EX2 (EIE.0)(4)
PX2 (EIP.0)
External Interrupt 3
4Bh
9
9
IE3 (EXIF.5)
EX3 (EIE.1)(4)
PX3 (EIP.1)
External Interrupt 4
53h
10
10
IE4 (EXIF.6)
EX4 (EIE.2)(4)
PX4 (EIP.2)
External Interrupt 5
5Bh
11
11
IE5 (EXIF.7)
EX5 (EIE.3)(4)
PX5 (EIP.3)
Watchdog
63h
12
12
LOW
WDTI (EICON.3)
EWDI (EIE.4)(4)
PWDI (EIP.4)
(1) These interrupts set the AI flag (EICON.4) and are enabled by EAI (EICON.5).
(2) If edge-triggered, cleared automatically by hardware when the service routine is vectored to. If level-triggered, the flag follows the state of the
pin.
(3) Cleared automatically by hardware when interrupt vector occurs.
(4) Globally enabled by EA (IE.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com