Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 17 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 13Page - Texas Instruments MSC1210 Datasheet HTML 14Page - Texas Instruments MSC1210 Datasheet HTML 15Page - Texas Instruments MSC1210 Datasheet HTML 16Page - Texas Instruments MSC1210 Datasheet HTML 17Page - Texas Instruments MSC1210 Datasheet HTML 18Page - Texas Instruments MSC1210 Datasheet HTML 19Page - Texas Instruments MSC1210 Datasheet HTML 20Page - Texas Instruments MSC1210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
17
TYPICAL CHARACTERISTICS (Continued)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fDATA = 10Hz, Buffer ON, and VREF = (REF IN+) − (REF IN−) = +2.5V, unless otherwise specified.
10
8
6
4
2
0
−2
−4
−6
−8
−10
V
IN (V)
−2.5 −2
−1 −0.5
−1.5
0
0.511.5
2
2.5
−40
+25
+85
C
°
C
°
C
°
INTEGRAL NON−LINEARITY vs INPUT SIGNAL
30
20
10
0
−10
−20
−30
INTEGRAL NON−LINEARITY vs INPUT SIGNAL
V
IN (V)
V
IN = −VREF
0V
IN =+VREF
V
REF =AVDD,Buffer OFF
35
30
25
20
15
10
5
0
ADC INTEGRAL NONLINEARITY vs V
REF
V
REF (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN =VREF
Buffer OFF
AV
DD =3V
AV
DD =5V
INL ERROR vs PGA
PGA Setting
14
216
8128
64
32
100
90
80
70
60
50
40
30
20
10
0
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
MAXIMUM ANALOG SUPPLY CURRENT
Analog Supply Voltage (V)
2.53.0
3.54.0
4.5
5.0
5.5
PGA = 128, ADC ON,
Brownout Detect ON,
All VDACs ON = FFFF
H,
VDACs REF = AV
DD
−40 C
+25 C
+85 C
°
°
°
900
800
700
600
500
400
300
200
100
0
ADC CURRENT vs PGA
PGA Setting
01
8
24
32
16
128
64
AV
DD =5V, Buffer = ON
AV
DD = 3V, Buffer = ON
Buffer = OFF
Buffer = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com