Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 80 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 80 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 75Page - Texas Instruments MSC1210 Datasheet HTML 76Page - Texas Instruments MSC1210 Datasheet HTML 77Page - Texas Instruments MSC1210 Datasheet HTML 78Page - Texas Instruments MSC1210 Datasheet HTML 79Page - Texas Instruments MSC1210 Datasheet HTML 80Page - Texas Instruments MSC1210 Datasheet HTML 81Page - Texas Instruments MSC1210 Datasheet HTML 82Page - Texas Instruments MSC1210 Datasheet HTML 83Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
80
One Millisecond High Register (MSECH)
7
6
5
4
3
2
1
0
Reset Value
SFR FDh
MSECH7
MSECH6
MSECH5
MSECH4
MSECH3
MSECH2
MSECH1
MSECH0
0Fh
MSECH7−0 One Millisecond High. This value in combination with the previous register is used to create a 1ms clock.
bits 7−0
1ms = (MSECH
• 256 + MSECL + 1) • tCLK
One Hundred Millisecond Register (HMSEC)
7
6
5
4
3
2
1
0
Reset Value
SFR FEh
HMSEC7
HMSEC6
HMSEC5
HMSEC4
HMSEC3
HMSEC2
HMSEC1
HMSEC0
63h
HMSEC7−0 One Hundred Millisecond. This clock divides the 1ms clock to create a 100ms clock.
bits 7−0
100ms = (MSECH
• 256 + MSECL + 1) • (HMSEC + 1) • tCLK
Watchdog Timer Register (WDTCON)
7
6
5
4
3
2
1
0
Reset Value
SFR FFh
EWDT
DWDT
RWDT
WDCNT4
WDCNT3
WDCNT2
WDCNT1
WDCNT0
00h
EWDT
Enable Watchdog (R/W).
bit 7
Write 1/Write 0 sequence sets the Watchdog Enable Counting bit.
DWDT
Disable Watchdog (R/W).
bit 6
Write 1/Write 0 sequence clears the Watchdog Enable Counting bit.
RWDT
Reset Watchdog (R/W).
bit 5
Write 1/Write 0 sequence restarts the Watchdog Counter.
WDCNT4−0 Watchdog Count (R/W).
bits 4−0
Watchdog expires in (WDCNT + 1)
• HMSEC to (WDCNT + 2) • HMSEC, if the sequence is not asserted. There is
an uncertainty of 1 count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com