Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 79 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 79 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 75Page - Texas Instruments MSC1210 Datasheet HTML 76Page - Texas Instruments MSC1210 Datasheet HTML 77Page - Texas Instruments MSC1210 Datasheet HTML 78Page - Texas Instruments MSC1210 Datasheet HTML 79Page - Texas Instruments MSC1210 Datasheet HTML 80Page - Texas Instruments MSC1210 Datasheet HTML 81Page - Texas Instruments MSC1210 Datasheet HTML 82Page - Texas Instruments MSC1210 Datasheet HTML 83Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
79
Seconds Timer Interrupt (SECINT)
7
6
5
4
3
2
1
0
Reset Value
SFR F9h
WRT
SECINT6
SECINT5
SECINT4
SECINT3
SECINT2
SECINT1
SECINT0
7Fh
This system clock is divided by the value of the 16-bit register MSECH:MSECL. Then, the 1ms timer tick is divided by the
register HMSEC that provides the 100ms signal used by this seconds timer. Therefore, the seconds timer can generate
an interrupt that occurs from 100ms to 12.8 seconds. Reading this register clears the Seconds Interrupt. This Interrupt can
be monitored in the AIE register.
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished.
bit 7
Read = 0.
0 = Delay Write Operation. The SEC value is loaded when the current count expires.
1 = Write Immediately. The counter is loaded once the CPU completes the write operation.
SECINT6−0 Seconds Count. Normal operation uses 100ms as the clock interval, and would equal: (SEC + 1)/10 seconds.
bits 6−0
Seconds Interrupt = (1 + SEC)
• (HMSEC + 1) • (MSEC + 1) • tCLK
Milliseconds Interrupt (MSINT)
7
6
5
4
3
2
1
0
Reset Value
SFR FAh
WRT
MSINT6
MSINT5
MSINT4
MSINT3
MSINT2
MSINT1
MSINT0
7Fh
The clock used for this timer is the 1ms clock, which results from dividing the system clock by the values in registers
MSECH:MSECL. Reading this register clears the interrupt.
WRT
Write Control. Determines whether to write the value immediately or wait until the current count is finished.
bit 7
Read = 0.
0 = Delay Write Operation. The MSINT value is loaded when the current count expires.
1 = Write Immediately. The MSINT counter is loaded once the CPU completes the write operation.
MSINT6−0
Seconds Count. Normal operation would use 1ms as the clock interval.
bits 6−0
MS Interrupt Interval = (1 + MSINT)
• (MSEC + 1) • tCLK
One Microsecond Register (USEC)
7
6
5
4
3
2
1
0
Reset Value
SFR FBh
0
0
0
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FREQ4−0
Clock Frequency − 1. This value + 1 divides the system clock to create a 1
µs clock.
bits 4−0
USEC = CLK/(FREQ + 1). This clock is used to set Flash write time. See FTCON (SFR EFh).
One Millisecond Low Register (MSECL)
7
6
5
4
3
2
1
0
Reset Value
SFR FCh
MSECL7
MSECL6
MSECL5
MSECL4
MSECL3
MSECL2
MSECL1
MSECL0
9Fh
MSECL7−0 One Millisecond Low. This value in combination with the next register is used to create a 1ms clock.
bits 7−0
1ms = (MSECH
• 256 + MSECL + 1) • tCLK. This clock is used to set Flash erase time. See FTCON (SFR EFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com