Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 48 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 48 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 44Page - Texas Instruments MSC1210 Datasheet HTML 45Page - Texas Instruments MSC1210 Datasheet HTML 46Page - Texas Instruments MSC1210 Datasheet HTML 47Page - Texas Instruments MSC1210 Datasheet HTML 48Page - Texas Instruments MSC1210 Datasheet HTML 49Page - Texas Instruments MSC1210 Datasheet HTML 50Page - Texas Instruments MSC1210 Datasheet HTML 51Page - Texas Instruments MSC1210 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
48
Tone Low (TONELOW)/PWM Low (PWMLOW)
7
6
5
4
3
2
1
0
Reset Value
SFR A2h
TDIV7
PWM7
TDIV6
PWM6
TDIV5
PWM5
TDIV4
PWM4
TDIV3
PWM3
TDIV2
PWM2
TDIV1
PWM1
TDIV0
PWM0
00h
TDIV7−0
Tone Divisor. The low order bits that define the half-time period. For staircase mode the output is high impedance
bits 7−0
for the last 1/4 of this period.
PWMLOW
Pulse Width Modulator Low Bits. These 8 bits are the least significant 8 bits of the PWM register.
bits 7−0
Tone High (TONEHI)/PWM High (PWMHI)
7
6
5
4
3
2
1
0
Reset Value
SFR A3h
TDIV15
PWM15
TDIV14
PWM14
TDIV13
PWM13
TDIV12
PWM12
TDIV11
PWM11
TDIV10
PWM10
TDIV9
PWM9
TDIV8
PWM8
00h
TDIV15−8
Tone Divisor. The high order bits that define the half time period. For staircase mode the output is high impedance
bits 7−0
for the last 1/4 of this period.
PWMHI
Pulse Width Modulator High Bits. These 8 bits are the high order bits of the PWM register.
bits 7−0
Pending Auxiliary Interrupt (PAI)
7
6
5
4
3
2
1
0
Reset Value
SFR A5h
—
—
—
—
PAI3
PAI2
PAI1
PAI0
00h
PAI
Pending Auxiliary Interrupt Register. The results of this register can be used as an index to vector to the
bits 3−0
appropriate interrupt routine. All of these interrupts vector through address 0033h.
PAI3
PAI2
PAI1
PAI0
AUXILIARY INTERRUPT STATUS
0
0
0
0
No Pending Auxiliary IRQ
0
0
0
1
Digital Low Voltage IRQ Pending
0
0
1
0
Analog Low Voltage IRQ Pending
0
0
1
1
SPI Receive IRQ Pending.
0
1
0
0
SPI Transmit IRQ Pending.
0
1
0
1
One Millisecond System Timer IRQ Pending.
0
1
1
0
Analog-to-Digital Conversion IRQ Pending.
0
1
1
1
Accumulator IRQ Pending.
1
0
0
0
One Second System Timer IRQ Pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com