Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 20 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 16Page - Texas Instruments MSC1210 Datasheet HTML 17Page - Texas Instruments MSC1210 Datasheet HTML 18Page - Texas Instruments MSC1210 Datasheet HTML 19Page - Texas Instruments MSC1210 Datasheet HTML 20Page - Texas Instruments MSC1210 Datasheet HTML 21Page - Texas Instruments MSC1210 Datasheet HTML 22Page - Texas Instruments MSC1210 Datasheet HTML 23Page - Texas Instruments MSC1210 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
20
DESCRIPTION
The MSC1210Yx is a completely integrated family of
mixed-signal devices incorporating a high-resolution
delta-sigma ADC, 8-channel multiplexer, burnout current
sources,
selectable
buffered
input,
offset
DAC
(Digital-to-Analog
Converter),
Programmable
Gain
Amplifier (PGA), temperature sensor, voltage reference,
8-bit microcontroller, Flash Program Memory, Flash Data
Memory, and Data SRAM, as shown in Figure 8.
On-chip
peripherals
include
an
additional
32-bit
accumulator, an SPI-compatible serial port, dual USARTs,
multiple
digital input/output ports, watchdog timer,
low-voltage detect, on-chip power-on reset, 16-bit PWM,
and
system
timers,
brownout
reset,
and
three
timer/counters.
The device accepts low-level differential or single-ended
signals directly from a transducer. The ADC provides 24
bits of resolution and 24 bits of no-missing-code
performance using a Sinc3 filter with a programmable
sample rate. The ADC also has a selectable filter that
allows for high-resolution single-cycle conversion.
The
microcontroller
core
is
8051
instruction
set
compatible. The microcontroller core is an optimized 8051
core that executes up to three times faster than the
standard 8051 core, given the same clock source. That
makes it possible to run the device at a lower external clock
frequency and achieve the same performance at lower
power than the standard 8051 core.
The MSC1210Yx allows the user to uniquely configure the
Flash and SRAM memory maps to meet the needs of their
application. The Flash is programmable down to 2.7V
using both serial and parallel programming methods. The
Flash endurance is 1 million Erase/Write cycles. In
addition, 1280 bytes of RAM are incorporated on-chip.
The part has separate analog and digital supplies, which
can be independently powered from 2.7V to +5.5V. At +3V
operation, the power dissipation for the part is typically less
than 4mW. The MSC1210Yx is packaged in a TQFP-64
package.
The
MSC1210Yx
is
designed
for
high-resolution
measurement applications in smart transmitters, industrial
process control, weigh scales, chromatography, and
portable instrumentation.
ACC
MUX
AGND
+AV
DD
AV
DD
BUFFER
PGA
V
REF
Modulator
Up to 32K
FLASH
1.2K
SRAM
SPI
Digital
Filter
8051
SFR
LVD
BOR
PORT1
PORT2
WDT
Timers/
Counters
Clock
Generator
PORT0
PORT3
8
8
8
EA
8
T2
SPI/EXT
USART2
ADDR
ADDR
DATA
Alternate
Functions
USART1
EXT
T0
T1
RW
8−Bit
PGA Offset
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AINCOM
AGND
REF OUT
REF IN+
REF IN
−
DV
DD
DGND
XIN
XOUT
ALE
PSEN
RST
POR
Temperature
Sensor
REF
NOTE (1) REF IN
− must be tied to AGND when using internal V
REF.
(1)
Figure 8. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com