Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 68 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 68 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 64Page - Texas Instruments MSC1210 Datasheet HTML 65Page - Texas Instruments MSC1210 Datasheet HTML 66Page - Texas Instruments MSC1210 Datasheet HTML 67Page - Texas Instruments MSC1210 Datasheet HTML 68Page - Texas Instruments MSC1210 Datasheet HTML 69Page - Texas Instruments MSC1210 Datasheet HTML 70Page - Texas Instruments MSC1210 Datasheet HTML 71Page - Texas Instruments MSC1210 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
68
ADC Multiplexer Register (ADMUX)
7
6
5
4
3
2
1
0
Reset Value
SFR D7h
INP3
INP2
INP1
INP0
INN3
INN2
INN1
INN0
01h
INP3−0
Input Multiplexer Positive Channel. This selects the positive signal input.
bits 7−4
INP3
INP2
INP1
INP0
POSITIVE INPUT
0
0
0
0
AIN0 (default)
0
0
0
1
AIN1
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6
0
1
1
1
AIN7
1
0
0
0
AINCOM
1
1
1
1
Temperature Sensor (requires ADMUX = FFh)
INN3−0
Input Multiplexer Negative Channel. This selects the negative signal input.
bits 3−0
INN3
INN2
INN1
INN0
NEGATIVE INPUT
0
0
0
0
AIN0
0
0
0
1
AIN1 (default)
0
0
1
0
AIN2
0
0
1
1
AIN3
0
1
0
0
AIN4
0
1
0
1
AIN5
0
1
1
0
AIN6
0
1
1
1
AIN7
1
0
0
0
AINCOM
1
1
1
1
Temperature Sensor (requires ADMUX = FFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com