Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 44 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 40Page - Texas Instruments MSC1210 Datasheet HTML 41Page - Texas Instruments MSC1210 Datasheet HTML 42Page - Texas Instruments MSC1210 Datasheet HTML 43Page - Texas Instruments MSC1210 Datasheet HTML 44Page - Texas Instruments MSC1210 Datasheet HTML 45Page - Texas Instruments MSC1210 Datasheet HTML 46Page - Texas Instruments MSC1210 Datasheet HTML 47Page - Texas Instruments MSC1210 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
44
External Interrupt Flag (EXIF)
7
6
5
4
3
2
1
0
Reset Value
SFR 91h
IE5
IE4
IE3
IE2
1
0
0
0
08h
IE5
External Interrupt 5 Flag. This bit will be set when a falling edge is detected on INT5. This bit must be cleared
bit 7
manually by software. Setting this bit in software will cause an interrupt if enabled.
IE4
External Interrupt 4 Flag. This bit will be set when a rising edge is detected on INT4. This bit must be cleared
bit 6
manually by software. Setting this bit in software will cause an interrupt if enabled.
IE3
External Interrupt 3 Flag. This bit will be set when a falling edge is detected on INT3. This bit must be cleared
bit 5
manually by software. Setting this bit in software will cause an interrupt if enabled.
IE2
External Interrupt 2 Flag. This bit will be set when a rising edge is detected on INT2. This bit must be cleared
bit 4
manually by software. Setting this bit in software will cause an interrupt if enabled.
Memory Page (MPAGE)
7
6
5
4
3
2
1
0
Reset Value
SFR 92h
00h
MPAGE
The 8051 uses Port 2 for the upper 8 bits of the external data memory access by MOVX A,@Ri and MOVX @Ri,A
bits 7−0
instructions. The MSC1210 uses register MPAGE instead of Port 2. To access external data memory using the MOVX
A,@Ri
and MOVX @Ri,A instructions, the user should preload the upper byte of the address into MPAGE (versus
preloading into P2 for the standard 8051).
Configuration Address Register (CADDR) (write-only)
7
6
5
4
3
2
1
0
Reset Value
SFR 93h
00h
CADDR
Configuration Address Register. This register supplies the address for reading bytes in the 128 bytes of Flash
bits 7−0
Configuration memory. This is a write-only register.
CAUTION:
If this register is written to while executing from Flash Memory, the CDATA register will be incorrect.
The faddr_data_read routine in the Boot ROM can be used for this purpose.
Configuration Data Register (CDATA) (read-only)
7
6
5
4
3
2
1
0
Reset Value
SFR 94h
00h
CDATA
Configuration Data Register. This register will contain the data in the 128 bytes of Flash Configuration memory that
bits 7−0
are located at the last written address in the CADDR register. This is a read-only register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com