Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 73 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 69Page - Texas Instruments MSC1210 Datasheet HTML 70Page - Texas Instruments MSC1210 Datasheet HTML 71Page - Texas Instruments MSC1210 Datasheet HTML 72Page - Texas Instruments MSC1210 Datasheet HTML 73Page - Texas Instruments MSC1210 Datasheet HTML 74Page - Texas Instruments MSC1210 Datasheet HTML 75Page - Texas Instruments MSC1210 Datasheet HTML 76Page - Texas Instruments MSC1210 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
73
Summation Register 0 (SUMR0)
7
6
5
4
3
2
1
0
Reset Value
SFR E2h
00h
SUMR0
Summation Register 0. This is the least significant byte of the 32-bit summation register or bits 0 to 7.
bits 7−0
Write: Will cause values in SUMR3−0 to be added to the summation register.
Read: Will clear the Summation Count Interrupt.
Summation Register 1 (SUMR1)
7
6
5
4
3
2
1
0
Reset Value
SFR E3h
00h
SUMR1
Summation Register 1. This is the most significant byte of the lowest 16 bits of the summation register or bits 8−15.
bits 7−0
Summation Register 2 (SUMR2)
7
6
5
4
3
2
1
0
Reset Value
SFR E4h
00h
SUMR2
Summation Register 2. This is the most significant byte of the lowest 24 bits of the summation register or bits 16−23.
bits 7−0
Summation Register 3 (SUMR3)
7
6
5
4
3
2
1
0
Reset Value
SFR E5h
00h
SUMR3
Summation Register 3. This is the most significant byte of the 32-bit summation register or bits 24−31.
bits 7−0
Offset DAC Register (ODAC)
7
6
5
4
3
2
1
0
Reset Value
SFR E6h
00h
ODAC
Offset DAC Register. This register will shift the input by up to half of the ADC full-scale input range. The offset DAC
bits 7−0
value is summed with the ADC input prior to conversion. Writing 00h or 80h to ODAC turns off the offset DAC.
bit 7
Offset DAC Sign bit.
0 = Positive
1 = Negative
bit 6−0
Offset
+
*V
REF
2
@ PGA @
ODAC 6: 0
127
@ (* 1)
bit7
NOTE: ODAC cannot be used to offset the input so that the buffer can be used for AGND signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com