Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 24 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 20Page - Texas Instruments MSC1210 Datasheet HTML 21Page - Texas Instruments MSC1210 Datasheet HTML 22Page - Texas Instruments MSC1210 Datasheet HTML 23Page - Texas Instruments MSC1210 Datasheet HTML 24Page - Texas Instruments MSC1210 Datasheet HTML 25Page - Texas Instruments MSC1210 Datasheet HTML 26Page - Texas Instruments MSC1210 Datasheet HTML 27Page - Texas Instruments MSC1210 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
24
PGA
The PGA can be set to gains of 1, 2, 4, 8, 16, 32, 64, or 128.
Using the PGA can actually improve the effective
resolution of the ADC. For instance, with a PGA of 1 on a
±2.5V full-scale range, the ADC can resolve to 1.5µV. With
a PGA of 128 on a
±19mV full-scale range, the ADC can
resolve to 75nV, as shown in Table 2.
Table 2. ENOB versus PGA (Bipolar Mode)
PGA
SETTING
FULL-SCALE
RANGE (V)
ENOB
AT 10HZ
RMS
MEASUREMENT
RESOLUTION (nV)
1
±2.5V
21.7
1468
2
±1.25
21.5
843
4
±0.625
21.4
452
8
±0.313
21.2
259
16
±0.156
20.8
171
32
±0.0781
20.4
113
64
±0.039
20
74.5
128
±0.019
19
74.5
OFFSET DAC
The analog input to the PGA can be offset by up to half the
full-scale input range of the PGA by using the ODAC
register (SFR E6h). The ODAC (Offset DAC) register is an
8-bit value; the MSB is the sign and the seven LSBs
provide the magnitude of the offset. Since the ODAC
introduces an analog (instead of digital) offset to the PGA,
using the ODAC does not reduce the range of the ADC.
CALIBRATION
The offset and gain errors in the MSC1210, or the
complete system, can be reduced with calibration.
Calibration is controlled through the ADCON1 register
(SFR DDh), bits CAL2:CAL0. Each calibration process
takes seven tDATA (data conversion time) periods to
complete. Therefore, it takes 14 tDATA periods to complete
both an offset and gain calibration.
For system calibration, the appropriate signal must be
applied to the inputs. The system offset command requires
a zero differential input signal. It then computes an offset
value that will nullify offsets in the system. The system gain
command requires a positive full-scale differential input
signal. It then computes a value to nullify gain errors in the
system. Each of these calibrations will take seven tDATA
periods to complete.
Calibration should be performed after power on, a change
in temperature, decimation ratio, buffer, or a change of the
PGA. Calibration will remove the effects of the Offset DAC;
therefore, changes to the Offset DAC register must be
done after calibration.
At the completion of calibration, the ADC Interrupt bit goes
HIGH which indicates the calibration is finished and valid
data is available.
DIGITAL FILTER
The Digital Filter can use either the Fast Settling, Sinc2, or
Sinc3 filter, as shown in Figure 14. In addition, the Auto
mode changes the Sinc filter after the input channel or
PGA is changed. When switching to a new channel, it will
use the Fast Settling filter for the next two conversions (the
first of which should be discarded). It will then use the Sinc2
followed by the Sinc3 filter to improve noise performance.
Adjustable Digital Filter
Data Out
Modulator
Fast Settling
Sinc2
Sinc3
Discard
Fast
Sinc2
Sinc3
1
2
3
4
FILTER
SETTLING TIME
(Conversion Cycles)(1)
Sinc3
Sinc2
Fast
3
2
1
NOTE: (1) MUX change may add one cycle.
CONVERSION CYCLE
AUTO MODE FILTER SELECTION
FILTER SETTLING TIME
Figure 14. Filter Step Responses
This combines the low-noise advantage of the Sinc3 filter
with the quick response of the Fast Settling Time filter. The
frequency response of each filter is shown in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com