Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 36 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 36 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 32Page - Texas Instruments MSC1210 Datasheet HTML 33Page - Texas Instruments MSC1210 Datasheet HTML 34Page - Texas Instruments MSC1210 Datasheet HTML 35Page - Texas Instruments MSC1210 Datasheet HTML 36Page - Texas Instruments MSC1210 Datasheet HTML 37Page - Texas Instruments MSC1210 Datasheet HTML 38Page - Texas Instruments MSC1210 Datasheet HTML 39Page - Texas Instruments MSC1210 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
36
SFR Definitions (continued) (Boldface definitions indicate that the register is unique to the MSC1210Yx)
ADDRESS
RESET VALUES
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
REGISTER
AEh
P1DDRL
P13H
P13L
P12H
P12L
P11H
P11L
P10H
P10L
00h
AFh
P1DDRH
P17H
P17L
P16H
P16L
P15H
P15L
P14H
P14L
00h
B0h
P3
P3.7
RD
P3.6
WR
P3.5
T1
P3.4
T0
P3.3
INT1
P3.2
INT0
P3.1
TXD0
P3.0
RXD0
FFh
B1h
P2DDRL
P23H
P23L
P22H
P22L
P21H
P21L
P20H
P20L
00h
B2h
P2DDRH
P27H
P27L
P26H
P26L
P25H
P25L
P24H
P24L
00h
B3h
P3DDRL
P33H
P33L
P32H
P32L
P31H
P31L
P30H
P30L
00h
B4h
P3DDRH
P37H
P37L
P36H
P36L
P35H
P35L
P34H
P34L
00h
B5h
B6h
B7h
B8h
IP
1
PS1
PT2
PS0
PT1
PX1
PT0
PX0
80h
B9h
BAh
BBh
BCh
BDh
BEh
BFh
C0h
SCON1
SM0_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
RI_1
00h
C1h
SBUF1
00h
C2h
C3h
C4h
C5h
C6h
EWU
EWUWDT
EWUEX1
EWUEX0
00h
C7h
C8h
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00h
C9h
CAh
RCAP2L
00h
CBh
RCAP2H
00h
CCh
TL2
00h
CDh
TH2
00h
CEh
CFh
D0h
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
00h
D1h
OCL
LSB
00h
D2h
OCM
00h
D3h
OCH
MSB
00h
D4h
GCL
LSB
5Ah
D5h
GCM
ECh
D6h
GCH
MSB
5Fh
D7h
ADMUX
INP3
INP2
INP1
INP0
INN3
INN2
INN1
INN0
01h
D8h
EICON
SMOD1
1
EAI
AI
WDTI
0
0
0
40h
D9h
ADRESL
LSB
00h
DAh
ADRESM
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com