Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 4 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 4 Page - Texas Instruments

  MSC1210 Datasheet HTML 1Page - Texas Instruments MSC1210 Datasheet HTML 2Page - Texas Instruments MSC1210 Datasheet HTML 3Page - Texas Instruments MSC1210 Datasheet HTML 4Page - Texas Instruments MSC1210 Datasheet HTML 5Page - Texas Instruments MSC1210 Datasheet HTML 6Page - Texas Instruments MSC1210 Datasheet HTML 7Page - Texas Instruments MSC1210 Datasheet HTML 8Page - Texas Instruments MSC1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS: AVDD = 5V (continued)
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, fMOD = 15.625kHz, PGA = 1, Buffer ON, fDATA = 10Hz, Bipolar, and VREF = (REF IN+) − (REF IN−) =
+2.5V, unless otherwise noted.
MSC1210Yx
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
Voltage Reference Input
Reference Input Range
REF IN+, REF IN−
AGND
AVDD(2)
V
VREF
VREF = (REF IN+) − (REF IN−)
0.1
2.5
AVDD
V
VREF Common-Mode Rejection
At DC
130
dB
VREF Common-Mode Rejection
fCM = 60Hz, fDATA = 60Hz
120
dB
Input Current(4)
VREF = 2.5V
3
µA
On-Chip Voltage Reference
Output Voltage
VREFH = 1 at +25
°C, ACLK = 1MHz
2.495
2.5
2.505
V
Output Voltage
VREFH = 0 at +25
°C, ACLK = 1MHz
1.25
V
Power-Supply Rejection Ratio
65
dB
Short-Circuit Current Source
8
mA
Short-Circuit Current Sink
50
µA
Short-Circuit Duration
Sink or Source
Indefinite
Drift
5
ppm/
°C
Output Impedance
Sourcing 100
µA
3
Ω
Startup Time from Power On
CREF = 0.1µF
8
ms
Temperature Sensor Voltage
T = +25
°C
115
mV
Temperature Sensor Coefficient
375
µV/°C
Analog Power-Supply Requirements
Analog Power-Supply Voltage
AVDD
4.75
5.0
5.25
V
Analog Current
(IADC + IVREF)
PDADC = 1, ALVDIS = 1, DAB = 1
< 1
nA
PGA = 1, Buffer OFF
200
µA
Analog
Power-Supply
ADC Current
PGA = 128, Buffer OFF
500
µA
Power-Supply
Current
ADC Current
(IADC)
PGA = 1, Buffer ON
240
µA
Current
ADC
PGA = 128, Buffer ON
850
µA
VREF Supply Current
(IVREF)
ADC ON, VDAC OFF
250
µA
(1)
Calibration can minimize these errors.
(2)
The gain calibration cannot have a REF IN+ of more than
AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(3)
∆VOUT is change in digital result.
(4)
9pF switched capacitor at
fSAMP clock frequency (see Figure 13).
(5)
The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7M
Ω/64).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com