Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 78 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 78 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 74Page - Texas Instruments MSC1210 Datasheet HTML 75Page - Texas Instruments MSC1210 Datasheet HTML 76Page - Texas Instruments MSC1210 Datasheet HTML 77Page - Texas Instruments MSC1210 Datasheet HTML 78Page - Texas Instruments MSC1210 Datasheet HTML 79Page - Texas Instruments MSC1210 Datasheet HTML 80Page - Texas Instruments MSC1210 Datasheet HTML 81Page - Texas Instruments MSC1210 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
78
Analog Clock (ACLK)
7
6
5
4
3
2
1
0
Reset Value
SFR F6h
0
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
03h
FREQ6−0
Clock Frequency − 1. This value + 1 divides the system clock to create the ADC clock.
bit 6−0
ACLK frequency
+
f
CLK
FREQ
) 1
f
MOD +
f
CLK
(ACLK ) 1) @ 64
Data Rate
+
f
MOD
Decimation
System Reset Register (SRST)
7
6
5
4
3
2
1
0
Reset Value
SFR F7h
0
0
0
0
0
0
0
RSTREQ
00h
RSTREQ
Reset Request. Setting this bit to 1 and then clearing to 0 will generate a system reset.
bit 0
Extended Interrupt Priority (EIP)
7
6
5
4
3
2
1
0
Reset Value
SFR F8h
1
1
1
PWDI
PX5
PX4
PX3
PX2
E0h
PWDI
Watchdog Interrupt Priority. This bit controls the priority of the watchdog interrupt.
bit 4
0 = The watchdog interrupt is low priority.
1 = The watchdog interrupt is high priority.
PX5
External Interrupt 5 Priority. This bit controls the priority of external interrupt 5.
bit 3
0 = External interrupt 5 is low priority.
1 = External interrupt 5 is high priority.
PX4
External Interrupt 4 Priority. This bit controls the priority of external interrupt 4.
bit 2
0 = External interrupt 4 is low priority.
1 = External interrupt 4 is high priority.
PX3
External Interrupt 3 Priority. This bit controls the priority of external interrupt 3.
bit 1
0 = External interrupt 3 is low priority.
1 = External interrupt 3 is high priority.
PX2
External Interrupt 2 Priority. This bit controls the priority of external interrupt 2.
bit 0
0 = External interrupt 2 is low priority.
1 = External interrupt 2 is high priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com