Electronic Components Datasheet Search
  English  ▼

X  

MSC1210 Datasheet(PDF) 14 Page - Texas Instruments

Part # MSC1210
Description  Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1210 Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSC1210 Datasheet HTML 10Page - Texas Instruments MSC1210 Datasheet HTML 11Page - Texas Instruments MSC1210 Datasheet HTML 12Page - Texas Instruments MSC1210 Datasheet HTML 13Page - Texas Instruments MSC1210 Datasheet HTML 14Page - Texas Instruments MSC1210 Datasheet HTML 15Page - Texas Instruments MSC1210 Datasheet HTML 16Page - Texas Instruments MSC1210 Datasheet HTML 17Page - Texas Instruments MSC1210 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
MSC1210
SBAS203F − MARCH 2002 − REVISED NOVEMBER 2004
www.ti.com
14
PIN DESCRIPTIONS (continued)
PIN #
DESCRIPTION
NAME
44
PSEN,
OSCCLK,
MODCLK
Program store enable. Connected to optional external memory as a chip enable. PSEN provides an active low pulse.
In programming mode, PSEN is used as an input along with ALE to define serial or parallel programming mode.
PSEN is held HIGH for parallel programming mode and LOW for serial programming. This pin can also be selected
(when not using external memory) to output the oscillator clock, modulator clock, HIGH, or LOW. Care should be
taken so that loading on this pin does not inadvertently cause the device to enter programming mode.
ALE
PSEN
Program Mode Selection
NC
NC
Normal operation (User Application mode)
0
NC
Parallel programming
NC
0
Serial programming
0
0
Reserved
45
ALE
Address Latch Enable: Used for latching the low byte of the address during an access to external memory. ALE is emitted
at a constant rate of 1/4 the oscillator frequency, and can be used for external timing or clocking. One ALE pulse is
skipped during each access to external data memory. In programming mode, ALE is used as an input along with PSEN to
define serial or parallel programming mode. ALE is held HIGH for parallel programming mode and LOW for parallel
programming. This pin can also be selected (when not using external memory) to output HIGH or LOW. Care should be
taken so that loading on this pin does not inadvertently cause the device to enter programming mode.
48
EA
External Access Enable: EA must be externally held LOW at the end of RESET to enable the device to fetch code
from external program memory locations starting with 0000h. No internal pull-up on this pin.
46, 47, 49−54
P0.0−P0.7
Port 0 is a bidirectional I/O port. The alternate functions for Port 0 are listed below. Refer to P1DDR, SFR AEh−AFh.
46, 47, 49−54
P0.0−P0.7
PORT 0.x
Alternate Name
Alternate Use
P0.0
AD0
Address/Data bit 0
P0.1
AD1
Address/Data bit 1
P0.2
AD2
Address/Data bit 2
P0.3
AD3
Address/Data bit 3
P0.4
AD4
Address/Data bit 4
P0.5
AD5
Address/Data bit 5
P0.6
AD6
Address/Data bit 6
P0.7
AD7
Address/Data bit 7
55, 56, 59−64
P1.0−P1.7
Port 0 is a bidirectional I/O port. The alternate functions for Port 0 are listed below. Refer to P1DDR, SFR AEh−AFh.
55, 56, 59−64
P1.0−P1.7
PORT 0.x
Alternate Name(s)
Alternate Use
P1.0
T2
T2 input
P1.1
T2EX
T2 external input
P1.2
RxD1
Serial port input
P1.3
TxD1
Serial port output
P1.4
INT2/SS
External Interrupt / Slave Select
P1.5
INT3/MOSI
External Interrupt / Master Out−Slave In
P1.6
INT4/MISO
External Interrupt / Master In−Slave Out
P1.7
INT5/SCK
External Interrupt / Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com