Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 107Page - Advanced Micro Devices ELANSC520 Datasheet HTML 108Page - Advanced Micro Devices ELANSC520 Datasheet HTML 109Page - Advanced Micro Devices ELANSC520 Datasheet HTML 110Page - Advanced Micro Devices ELANSC520 Datasheet HTML 111Page - Advanced Micro Devices ELANSC520 Datasheet HTML 112Page - Advanced Micro Devices ELANSC520 Datasheet HTML 113Page - Advanced Micro Devices ELANSC520 Datasheet HTML 114Page - Advanced Micro Devices ELANSC520 Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 440 page
background image
ROM/Flash Controller Registers
Élan™SC520 Microcontroller Register Set Manual
9-3
Programming Notes
The device attached to the BOOTCS chip select signal is used as the boot device. Therefore, upon reset this device’s
DGP and WIDTH bit field values must be delivered to the ROM controller via the CFG2–CFG0 pinstraps. For all
other ROM devices, this configuration information is programmed by the initialization software.
3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2
–0
FIRST_DLY
[2–0]
BOOTCS Device Delay for First Access
This bit field is used to configure the number of wait states for the first access to the ROM, and
for subsequent accesses if the MODE bit is 0.
000 = 0 wait states
001 = 1 wait state
010 = 2 wait states
011 = 3 wait states
100 = 4 wait states
101 = 5 wait states
110 = 6 wait states
111 = 7 wait states
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com