Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 108Page - Advanced Micro Devices ELANSC520 Datasheet HTML 109Page - Advanced Micro Devices ELANSC520 Datasheet HTML 110Page - Advanced Micro Devices ELANSC520 Datasheet HTML 111Page - Advanced Micro Devices ELANSC520 Datasheet HTML 112Page - Advanced Micro Devices ELANSC520 Datasheet HTML 113Page - Advanced Micro Devices ELANSC520 Datasheet HTML 114Page - Advanced Micro Devices ELANSC520 Datasheet HTML 115Page - Advanced Micro Devices ELANSC520 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 440 page
background image
ROM/Flash Controller Registers
9-4
Élan™SC520 Microcontroller Register Set Manual
ROMCS1 Control (ROMCS1CTL)
Memory-Mapped
MMCR Offset 54h
Register Description
This register contains configuration information about the location (i.e., SDRAM bus or GP bus), width, operation
mode, and timing of the ROM devices that are attached to the ÉlanSC520 microcontroller ROMCS1 signal.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
Reserved
DGP
WIDTH[1–0]
MODE
Reserved
Reset
00000000
R/W
RSV
R/W
R/W
R/W
RSV
7
6
5
4
3
2
1
0
Bit
Reserved
SUB_DLY[1–0]
Reserved
FIRST_DLY[2–0]
Reset
00110111
R/W
RSV
R/W
RSV
R/W
Bit
Name
Function
15
–13
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
12
DGP
Chip Select 1 Device SDRAM/GP Bus Select
This bit is used to configure the location of the ROM devices that are enabled by ROMCS1.
The ROM can be connected either to the SDRAM data bus or to the GP bus.
0 = ROM is on the GP bus.
1 = ROM is on the SDRAM data bus.
11
–10
WIDTH[1–0]
Chip Select 1 Device Width Select
This bit field is used to configure the width of the ROM selected by ROMCS1.
00 = ROM is 8 bits wide.
01 = ROM is 16 bits wide.
10 = ROM is 32 bits wide.
11 = ROM is 32 bits wide.
9MODE
Chip Select 1 Device Mode
This bit is used to configure the mode of the ROM selected by ROMCS1.
0 = ROM is non-page mode.
1 = ROM is page mode.
8
–6
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
5
–4
SUB_DLY[1–0]
Chip Select 1 Device Delay for Subsequent Accesses
This bit field is used to configure the number of wait states for all page-mode accesses to the
ROM that are subsequent to the first access. This bit field applies only if the MODE bit is 1.
00 = 0 wait states
01 = 1 wait state
10 = 2 wait states
11 = 3 wait states
3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com