Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 136 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 136 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 132Page - Dialog Semiconductor DA9021 Datasheet HTML 133Page - Dialog Semiconductor DA9021 Datasheet HTML 134Page - Dialog Semiconductor DA9021 Datasheet HTML 135Page - Dialog Semiconductor DA9021 Datasheet HTML 136Page - Dialog Semiconductor DA9021 Datasheet HTML 137Page - Dialog Semiconductor DA9021 Datasheet HTML 138Page - Dialog Semiconductor DA9021 Datasheet HTML 139Page - Dialog Semiconductor DA9021 Datasheet HTML 140Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Company confidential
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
136 of 142
© 2017 Dialog Semiconductor
Table 156: Example NTC
Type
Size
Manufacturer
NCP15XH103J03RC
0402
Murata
23.6 Crystal
The RTC module requires an external 32.768 kHz crystal.
For crystal selection the effective load capacitance has to be taken into account. It includes both
external capacitors on pins XIN and XOUT in series combination and the PCB and DA9021 stray
capacitances.
For example, if 2x12 pF external capacitors are used, which gives a series combination of 6 pF, and
the stray capacitance is 3 pF, then the crystal type specified for a load capacitance of 9 pF should be
chosen.
Different stray capacitances may require different external capacitors and/or a different crystal type.
Furthermore the series resistance of the crystal must not exceed 100 k
Ω.
Table 157: Example crystal
Type
Size
Manufacturer
CC7V-T1A 32.768 kHz 9.0 pF +/-
30 ppm
3.2x1.5x0.9 mm
Micro Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com