Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 140 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 140 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 134Page - Dialog Semiconductor DA9021 Datasheet HTML 135Page - Dialog Semiconductor DA9021 Datasheet HTML 136Page - Dialog Semiconductor DA9021 Datasheet HTML 137Page - Dialog Semiconductor DA9021 Datasheet HTML 138Page - Dialog Semiconductor DA9021 Datasheet HTML 139Page - Dialog Semiconductor DA9021 Datasheet HTML 140Page - Dialog Semiconductor DA9021 Datasheet HTML 141Page - Dialog Semiconductor DA9021 Datasheet HTML 142Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 140 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Company confidential
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
140 of 142
© 2017 Dialog Semiconductor
25.2.2
Power supply rejection
Power supply rejection (PSRR) is especially important in the supplies to the RF and audio parts of
the telephone. In a TDMA system such as GSM, the 217 Hz transmit burst from the power amplifier
results in significant current pulses being drawn from the battery. These can peak at up to 2 A before
reaching a steady state of 1.4 A (see below). Due to the battery having a finite internal resistance
(typically 0.5
Ω) these current peaks induce ripple on the battery voltage of up to 500 mV. As the
supplies to the audio and RF are derived from this supply it is essential that this ripple is removed
otherwise it would show as a 217 Hz tone in the audio and could also affect the transmit signal.
Power supply rejection should always be specified under worst case conditions when the battery is at
its minimum operating voltage, when there is minimum headroom available due to dropout.
25.2.3
Line regulation
Static line regulation is a measurement that indicates a change in the regulator output voltage
∆Vreg
(regulator operating with a constant load current) in response to a change in the input voltage
∆Vin.
Transient line regulation is a measurement of the peak change
∆Vreg in regulated voltage seen
when the line input voltage changes.
4.6ms TDMA frame rate
577µS
V
bat
V
reg
Figure 49: Line regulation
25.2.4
Load regulation
Static load regulation is a measurement that indicates a change in the regulator output voltage ∆Vreg
in response to a change in the regulator loading ∆load whilst the regulator input voltage remains
constant. Transient load regulation is a measurement of the peak change in regulated voltage ∆Vreg
seen when the regulator load changes.
V
reg
I
load max
I
load min
Figure 50: Load regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com