Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 137 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 137 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 133Page - Dialog Semiconductor DA9021 Datasheet HTML 134Page - Dialog Semiconductor DA9021 Datasheet HTML 135Page - Dialog Semiconductor DA9021 Datasheet HTML 136Page - Dialog Semiconductor DA9021 Datasheet HTML 137Page - Dialog Semiconductor DA9021 Datasheet HTML 138Page - Dialog Semiconductor DA9021 Datasheet HTML 139Page - Dialog Semiconductor DA9021 Datasheet HTML 140Page - Dialog Semiconductor DA9021 Datasheet HTML 141Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Company confidential
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
137 of 142
© 2017 Dialog Semiconductor
24 Layout guidelines
24.1 General recommendations
● Appropriate trace width and amount of vias should be used for all power supply paths.
● Too high trace resistances can prevent the system from proper operation, for example efficiency
and current ratings of switch mode converters and charger might be degraded. Furthermore the
PCB might be exposed to thermal hot spots, which can lead to critical overheating due to the
positive temperature coefficient of copper.
● Special care must be taken to the DA9021 pad connections. The traces of the outer row should
be connected with the same width as the pads and should become wider as soon as possible.
For supply pins in the second row connection in an inner layer is recommended (depending on
the maximum current two or more vias might be required).
● A common ground plane should be used, which allows proper electrical and thermal
performance. Noise sensitive references like the VREF capacitor and IREF resistor should be
referred to a silent ground which is connected at a star point underneath or close to the DA9021
main ground connection.
● Generally all power tracks with discontinuous and / or high currents should be kept as short as
possible.
● Noise sensitive analogue signals like feedback lines or crystal connections should be kept away
from traces carrying pulsed analogue or digital signals. This can be achieved by separation
(distance) or shielding with quiet signals or ground traces.
24.2 System supply and charger
● Trace resistance of the VBUS_PROT bypass capacitor to VCENTER must be minimised to allow
proper operation of the charge and system current control.
● If an external pMOS transistor is used to bypass the internal active diode, its connection trace
resistance has to be kept to a minimum.
● The placement of the distributed capacitors at VDDOUT must ensure that all VDD inputs,
especially to the buck converters and LDOs, are connected to a bypass capacitor close to the
pads. It is recommended to place at least two 1 µF capacitors close to the LDO supply pads and
at least one 10 µF close to the buck VDD rail.
● Using a local power plane underneath the chip for VDDOUT can be considered.
● Adequate heat sink areas should be used for at least one terminal of the external overvoltage
protection and / or active diode FETs.
24.3 LDOs and switched mode supplies
● Transient current loops area of the switched mode converters should be minimised.
● The common references (VREF capacitor, IREF resistor) should be placed close to DA9021,
cross coupling to any noisy digital or analogue trace must be avoided.
● Output capacitors of the LDOs should be placed close to the output pins. Small capacitors (for
example 100 nF) are also required to be close to the input pins of the supplied devices.
● Care must be taken that no current is carried on feedback lines (VBUCKxx).
24.4 Crystal oscillator
● The crystal and its load capacitors should be placed as close as possible to the IC with short and
symmetric traces.
● The traces must be isolated from noisy signals, especially from clocked digital ones. Ideally the
lines are buried between two ground layers, surrounded by additional ground traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com