Electronic Components Datasheet Search
  English  ▼

X  

DA9021 Datasheet(PDF) 138 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 138 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 134Page - Dialog Semiconductor DA9021 Datasheet HTML 135Page - Dialog Semiconductor DA9021 Datasheet HTML 136Page - Dialog Semiconductor DA9021 Datasheet HTML 137Page - Dialog Semiconductor DA9021 Datasheet HTML 138Page - Dialog Semiconductor DA9021 Datasheet HTML 139Page - Dialog Semiconductor DA9021 Datasheet HTML 140Page - Dialog Semiconductor DA9021 Datasheet HTML 141Page - Dialog Semiconductor DA9021 Datasheet HTML 142Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 138 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Company confidential
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
138 of 142
© 2017 Dialog Semiconductor
24.5 DA9021 thermal connection, land pad and stencil design
● The DA9021 provides a centre ground plane, which is soldered directly to the PCB’s centre
ground pad. This PCB ground pad must be connected with as many vias and as direct as
possibl
e to the PCB’s main ground plane in order to achieve good thermal performance.
● Solder mask openings for the ground pad must be split by following a certain pattern like stripes
or round shapes or squares, as a solid square would apply too much solder paste and the signal
pads might not be connected properly.
● As DA9021 also provides different sizes of the signal pads, some adaption of the mask openings
might be required as well (generally small pads a bit larger, large pads a bit smaller than the pad
itself). Vias inside or next to the pads should be filled. An appropriately fine solder paste is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com