Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 34Page - Analog Devices AD9136-EBZ Datasheet HTML 35Page - Analog Devices AD9136-EBZ Datasheet HTML 36Page - Analog Devices AD9136-EBZ Datasheet HTML 37Page - Analog Devices AD9136-EBZ Datasheet HTML 38Page - Analog Devices AD9136-EBZ Datasheet HTML 39Page - Analog Devices AD9136-EBZ Datasheet HTML 40Page - Analog Devices AD9136-EBZ Datasheet HTML 41Page - Analog Devices AD9136-EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 38 of 117
Figure 46. SERDES PLL Synthesizer Block Diagram Including VCO Divider Block
Clock and Data Recovery
The deserializer is equipped with a CDR circuit. Instead of
recovering the clock from the JESD204B serial lanes, the CDR
recovers the clocks from the SERDES PLL. The 2.825 GHz to
6.2 GHz output from the SERDES PLL, shown in Figure 46, is
the input to the CDR.
A CDR sampling mode must be selected to generate the lane
rate clock inside the device. If the desired lane rate is greater
than 5.65 GHz, half rate CDR operation must be used. If the
desired lane rate is less than 5.65 GHz, disable half rate operation.
If the lane rate is less than 2.825 GHz, disable half rate operation
and enable 2× oversampling to recover the appropriate lane rate
clock. Table 39 gives a breakdown of CDR sampling settings that
must be set dependent on the LaneRate.
Table 39. CDR Operating Modes
LaneRate (Gbps)
ENHALFRATE,
Register 0x230[5]
CDR_OVERSAMP,
Register 0x230[1]
1.44 to 3.1
0
1
2.88 to 6.2
0
0
5.75 to 12.4
1
0
The CDR circuit synchronizes the phase used to sample the data on
each serial lane independently. This independent phase adjustment
per serial interface ensures accurate data sampling and eases the
implementation of multiple serial interfaces on a PCB.
After configuring the CDR circuit, reset it and then release the
reset by writing 1 and then 0 to Register 0x206[0].
Power-Down Unused PHYs
Note that any unused and enabled lanes consume extra power
unnecessarily. Each lane that is not being used (SERDINx±)
must be powered off by writing a 1 to the corresponding bit of
PHY_PD (Register 0x201).
Equalization
To compensate for signal integrity distortions for each PHY
channel due to PCB trace length and impedance, the AD9135/
AD9136 employ an easy to use, low power equalizer on each
JESD204B channel. The AD9135/AD9136 equalizers can
compensate for insertion losses far greater than required by the
JESD204B specification. The equalizers have two modes of
operation that are determined by the EQ_POWER_MODE
register setting in Register 0x268[7:6]. In low power mode
(Register 0x268[7:6] = 2b’01) and operating at the maximum
lane rate of 10 Gbps, the equalizer can compensate for up to 12 dB
of insertion loss. In normal mode (Register 0x268[7:6] = 2b’00),
the equalizer can compensate for up to 17.5 dB of insertion loss.
This performance is shown in Figure 47 as an overlay to the
JESD204B specification for insertion loss. Figure 47 shows the
equalization performance at 10.0 Gbps, near the maximum
baud rate for the AD9135/AD9136.
Figure 48 and Figure 49 are provided as points of reference for
hardware designers and show the insertion loss for various
lengths of well laid out stripline and microstrip transmission
lines. See the Hardware Considerations section for specific layout
recommendations for the JESD204B channel.
Low power mode is recommended if the insertion loss of the
JESD204B PCB channels is less than that of the most lossy
supported channel for low power mode (shown in Figure 47).
If the insertion loss is greater than that, but still less than that of
the most lossy supported channel for normal mode (shown in
Figure 47), use normal mode. At 10 Gbps operation, the equalizer
in normal mode consumes about 4 mW more power per lane
used than in low power equalizer mode. Note that either mode
can be used in conjunction with transmitter preemphasis to
ensure functionality and/or to optimize for power.
LC VCO
5.65GHz TO 12.4GHz
CHARGE
PUMP
PFD
80MHz
MAX
UP
DOWN
fREF
BIT RATE ÷ 40
REF DIVIDER
N = 1, 2, 4
3.2mA
FO CAL
ALC CAL
CAL CONTROL BITS
R1
C1
R3
C2
C3
VCO
LDO
÷2
÷80
2.825GHz TO 6.2GHz
OUTPUT
I Q
DIVIDER
(1, 2, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com