Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 93Page - Analog Devices AD9136-EBZ Datasheet HTML 94Page - Analog Devices AD9136-EBZ Datasheet HTML 95Page - Analog Devices AD9136-EBZ Datasheet HTML 96Page - Analog Devices AD9136-EBZ Datasheet HTML 97Page - Analog Devices AD9136-EBZ Datasheet HTML 98Page - Analog Devices AD9136-EBZ Datasheet HTML 99Page - Analog Devices AD9136-EBZ Datasheet HTML 100Page - Analog Devices AD9136-EBZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 97 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
0x089
DACLOOPFILT3
7
LF_BYPASS_R3
Bypass R3 Resistor. When this bit is set,
bypass the R3 capacitor (set to 0 pF) when
R3_WORD is set to 0. Set this control to 0x0 for
optimal performance.
0x0
R/W
6
LF_BYPASS_R1
Bypass R1 Resistor. When this bit is set,
bypass the R1 capacitor (set to 0 pF) when
R1_WORD is set to 0. Set this control to 0x0 for
optimal performance.
0x0
R/W
5
LF_BYPASS_C2
Bypass C2 Capacitor. When this bit is set,
bypass the C2 capacitor (set to 0 pF) when
C2_WORD is set to 0. Set this control to 0x0 for
optimal performance.
0x0
R/W
4
LF_BYPASS_C1
Bypass C1 Capacitor. When this bit is set,
bypass the C1 capacitor (set to 0 pF) when
C1_WORD is set to 0. Set this control to 0x0 for
optimal performance.
0x0
R/W
[3:0]
LF_R3_WORD
R3 Control Word. Set this control to 0xE for
optimal performance.
0x8
R/W
0x08A
DACCPCNTRL
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
CP_CURRENT
Charge Pump Current Control. Set this control
to 0x12 for optimal performance.
0x20
R/W
0x08B
DACLOGENCNTRL
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
LO_DIV_MODE
This range controls the RF clock divider
between the VCO and DAC clock rates. The
options are 4×, 8×, or 16× division. Choose the
LO_DIV_MODE so that 6 GHz < fVCO < 12 GHz
(see the Clock Multiplication section for more
details):
0x2
R/W
01
DAC clock = VCO/4
10
DAC clock = VCO/8
11
DAC clock = VCO/16
0x08C
DACLDOCNTRL1
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
REF_DIV_MODE
Reference Clock Division Ratio. This field
controls the amount of division that is done
to the input clock at the CLK+/CLK− pins
before it is presented to the PLL as a reference
clock. The reference clock frequency must be
between 35 MHz and 80 MHz, but the
CLK+/CLK− input frequency can range from
35 MHz to 1 GHz. The user sets this division
to achieve a 35 MHz to 80 MHz PLL reference
frequency. For more details see the Clock
Multiplication section.
0x1
R/W
000
1
001
2
010
4
011
8
100
16
0x08D
DACLDOCNTRL2
[7:0]
DAC_LDO
DAC PLL LDO setting. This register must be
written to 0x7B for optimal performance.
0x2B
R/W
0x0E2
CAL_CTRL_GLOBAL
[7:2]
RESERVED
Reserved.
0x0
R
1
CAL_START_AVG
Averaged Calibration Start. On rising edge,
calibrate the DACs. Only use if calibrating all
DACs.
0x0
R/W
0
CAL_EN_AVG
Averaged Calibration Enable. Set prior to
starting calibration with CAL_START_AVG.
While this bit is set, calibration can be
performed, and the results are applied.
0x0
R/W
1
Enable averaged calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com