Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 75Page - Analog Devices AD9136-EBZ Datasheet HTML 76Page - Analog Devices AD9136-EBZ Datasheet HTML 77Page - Analog Devices AD9136-EBZ Datasheet HTML 78Page - Analog Devices AD9136-EBZ Datasheet HTML 79Page - Analog Devices AD9136-EBZ Datasheet HTML 80Page - Analog Devices AD9136-EBZ Datasheet HTML 81Page - Analog Devices AD9136-EBZ Datasheet HTML 82Page - Analog Devices AD9136-EBZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 79 of 117
START-UP SEQUENCE
Table 76 through Table 83 show the register writes needed to set up
the AD9135/AD9136 with fDAC = 1474.56 MHz, 1× interpolation,
and the DAC PLL enabled with a 368.64 MHz reference clock.
The JESD204B interface is configured in Mode 11, single-link
mode, Subclass 1, and scrambling is enabled with all eight SERDES
lanes running at 7.3728 Gbps, inputting twos complement
formatted data. No remapping of lanes with the crossbar is used
in this example.
The sequence of steps to properly start up the AD9135/AD9136
is as follows:
1.
Set up the SPI interface, power up necessary circuit blocks,
make required writes to the configuration register, and set up
the DAC clocks (see the Step 1: Start Up the DAC section).
2.
Set the digital features of the AD9135/AD9136 (see the
Step 2: Digital Datapath section).
3.
Set up the JESD204B links (see the Step 3: Transport Layer
section).
4.
Set up the physical layer of the SERDES interface (see the
Step 4: Physical Layer section).
5.
Set up the data link layer of the SERDES interface. This
procedure is for quick startup or debug only and does not
guarantee deterministic latency (see the Step 5: Data Link
Layer section).
6.
Check for errors on Link 0 and Link 1 (see the Step 6:
Error Monitoring section).
These steps are outlined in detail in the following sections in
tables that list the required register write and read commands.
STEP 1: START UP THE DAC
Power-Up and DAC Initialization
Table 76. Power-Up and DAC Initialization
Command
Address
Value
Description
W
0x000
0xBD
Soft reset
W
0x000
0x3C
Deassert reset, set 4-wire SPI
W
0x011
0x28
Enable reference, DAC channels,
and master DAC
W
0x080
0x00
Power up all clocks
W
0x081
0x00
Power up SYSREF± receiver,
disable hysteresis
Required Device Configurations
Table 77. Required Device Configurations
Command
Address
Value
Description
W
0x12D
0x8B
Digital datapath configuration
W
0x146
0x01
Digital datapath configuration
W
0x2A4
0xFF
Clock configuration
W
0x232
0xFF
SERDES interface configuration
W
0x333
0x01
SERDES interface configuration
Configure the DAC PLL
Table 78. Configure DAC PLL
Command
Address
Value
Description
W
0x087
0x62
Optimal DAC PLL loop filter
settings
W
0x088
0xC9
Optimal DAC PLL loop filter
settings
W
0x089
0x0E
Optimal DAC PLL loop filter
settings
W
0x08A
0x12
Optimal DAC PLL charge pump
settings
W
0x08D
0x7B
Optimal DAC LDO settings for
DAC PLL
W
0x1B0
0x00
Power DAC PLL blocks when
power machine disabled
W
0x1B9
0x24
Optimal DAC PLL charge pump
settings
W
0x1BC
0x0D
Optimal DAC PLL VCO control
settings
W
0x1BE
0x02
Optimal DAC PLL VCO power
control settings
W
0x1BF
0x8E
Optimal DAC PLL VCO
calibration settings
W
0x1C0
0x2A
Optimal DAC PLL lock counter
length setting
W
0x1C1
0x2A
Optimal DAC PLL charge pump
setting
W
0x1C4
0x7E
Optimal DAC PLL varactor
settings
W
0x08B
0x02
Set the VCO LO divider to 8 so
that 6 GHz ≤ fVCO = fDAC ×
2(LODivMode+1) ≤ 12 GHz
W
0x08C
0x03
Set the reference clock divider
to 8 so that the reference clock
into the PLL is less than 80 MHz
W
0x085
0x10
Set the B counter to 16 to
divide the DAC clock down to
2× the reference clock
W
0x1B5
0x09
PLL lookup value from Table 25
for fVCO ≥ 7.25 GHz
W
0x1BB
0x13
PLL lookup value from Table 25
for fVCO ≥ 7.25 GHz
W
0x1C5
0x06
PLL lookup value from Table 25
for fVCO ≥ 7.25 GHz
W
0x083
0x10
Enable DAC PLL
R
0x084
0x01
Verify that Bit 1 reads back
high for PLL locked
STEP 2: DIGITAL DATAPATH
Table 79. Digital Datapath
Command
Address
Value
Description
W
0x112
0x00
Set the interpolation to 1×
W
0x110
0x00
Set twos complement data
format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com