Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 73Page - Analog Devices AD9136-EBZ Datasheet HTML 74Page - Analog Devices AD9136-EBZ Datasheet HTML 75Page - Analog Devices AD9136-EBZ Datasheet HTML 76Page - Analog Devices AD9136-EBZ Datasheet HTML 77Page - Analog Devices AD9136-EBZ Datasheet HTML 78Page - Analog Devices AD9136-EBZ Datasheet HTML 79Page - Analog Devices AD9136-EBZ Datasheet HTML 80Page - Analog Devices AD9136-EBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 77 of 117
The post-calibration result is a function of operating
temperature. A set of calibration coefficients obtained at one
temperature may not be the optimal setting for a different
temperature. Figure 89 and Figure 90 show the typical
temperature drift effect after a single run calibration.
For optimal performance, run the calibration again when the
operating temperature changes significantly. Note that it is
recommended to power down the DAC outputs when running
the calibration routine. If continuous transmission is required in
the system, running the calibration again during the operation
may not be an option. In this case, it is recommended to perform a
calibration at the average temperature of the operating temperature
range and to use the same set of coefficients during the operation.
This results in the best overall performance over temperature.
Figure 89. Post-Calibration HD2 and HD4 over Temperature, Calibrated at 25°C
Figure 90. Post-Calibration IMD2 over Temperature, Calibrated at 25°C
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
fOUT (MHz)
200
250
300
–40°C
+25°C
+85°C
SECOND HARMONIC
FOURTH HARMONIC
–60
–65
–70
–75
–80
–90
–85
–95
–100
0
50
100
150
fOUT (MHz)
200
250
300
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com