Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 79Page - Analog Devices AD9136-EBZ Datasheet HTML 80Page - Analog Devices AD9136-EBZ Datasheet HTML 81Page - Analog Devices AD9136-EBZ Datasheet HTML 82Page - Analog Devices AD9136-EBZ Datasheet HTML 83Page - Analog Devices AD9136-EBZ Datasheet HTML 84Page - Analog Devices AD9136-EBZ Datasheet HTML 85Page - Analog Devices AD9136-EBZ Datasheet HTML 86Page - Analog Devices AD9136-EBZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 83 of 117
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x040
DACGAIN0_1
RESERVED
DACFSC_0[9:8]
0x00
R/W
0x041
DACGAIN0_0
DACFSC_0[7:0]
0x00
R/W
0x044
DACGAIN1_1
RESERVED
DACFSC_1[9:8]
0x00
R/W
0x045
DACGAIN1_0
DACFSC_1[7:0]
0x00
R/W
0x080
CLKCFG0
PD_CLK0
PD_CLK1
PD_CLK_DIG PD_SERDES_
PCLK
PD_CLK_REC
RESERVED
0xF8
R/W
0x081
SYSREF_ACTRL0
RESERVED
PD_SYSREF
HYS_ON
SYSREF_RISE
HYS_CNTRL1
0x10
R/W
0x082
SYSREF_ACTRL1
HYS_CNTRL0
0x00
R/W
0x083
DACPLLCNTRL
RECAL_
DACPLL
RESERVED
ENABLE_
DACPLL
RESERVED
0x00
R/W
0x084
DACPLLSTATUS
DACPLL_
OVER-
RANGE_H
DACPLL_
OVER-
RANGE_L
DACPLL_
CAL_VALID
RESERVED
DACPLL_
LOCK
RESERVED
0x00
R
0x085
DACINTEGER-
WORD0
B_COUNT
0x08
R/W
0x087
DACLOOPFILT1
LF_C2_WORD
LF_C1_WORD
0x88
R/W
0x088
DACLOOPFILT2
LF_R1_WORD
LF_C3_WORD
0x88
R/W
0x089
DACLOOPFILT3
LF_
BYPASS_
R3
LF_
BYPASS_R1
LF_BYPASS_
C2
LF_BYPASS_C1
LF_R3_WORD
0x08
R/W
0x08A
DACCPCNTRL
RESERVED
CP_CURRENT
0x20
R/W
0x08B
DACLOGENCNTRL
RESERVED
LO_DIV_MODE
0x02
R/W
0x08C
DACLDOCNTRL1
RESERVED
REF_DIV_MODE
0x01
R/W
0x08D
DACLDOCNTRL2
DAC_LDO
0x2B
R/W
0x0E2
CAL_CTRL_
GLOBAL
RESERVED
CAL_START_
AVG
CAL_EN_
AVG
0x00
R/W
0x0E7
CAL_CLKDIV
RESERVED
CAL_CLK_EN
RESERVED
0x30
R/W
0x0E8
CAL_PAGE
RESERVED
CAL_PAGE
0x0F
R/W
0x0E9
CAL_CTRL
CAL_FIN
CAL_
ACTIVE
CAL_ERRHI
CAL_ERRLO
RESERVED
CAL_START
CAL_EN
0x00
R/W
0x0ED
CAL_INIT
CAL_INIT
A6
R/W
0x110
DATA_FORMAT
BINARY_
FORMAT
RESERVED
00
R/W
0x111
DATAPATH_CTRL
INVSINC_
ENABLE
RESERVED
DIG_GAIN_
ENABLE
RESERVED
0xA0
R/W
0x112
INTERP_MODE
RESERVED
INTERP_MODE
0x01
R/W
0x11F
TXEN_SM_0
FALL_COUNTERS
RISE_COUNTERS
RESERVED
PROTECT_OUT_
INVERT
RESERVED
0x83
R/W
0x121
TXEN_RISE_
COUNT_0
RISE_COUNT_0
0x0F
R/W
0x122
TXEN_RISE_
COUNT_1
RISE_COUNT_1
0x00
R/W
0x123
TXEN_FALL_
COUNT_0
FALL_COUNT_0
0xFF
R/W
0x124
TXEN_FALL_
COUNT_1
FALL_COUNT_1
0xFF
R/W
0x12D
DEVICE_CONFIG_
REG_0
DEVICE_CONFIG_0
0x46
R/W
0x12F
DIE_TEMP_CTRL0
RESERVED
AUXADC_
ENABLE
0x20
R/W
0x132
DIE_TEMP0
DIE_TEMP[7:0]
0x00
R
0x133
DIE_TEMP1
DIE_TEMP[15:8]
0x00
R
0x134
DIE_TEMP_
UPDATE
RESERVED
DIE_TEMP_
UPDATE
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com