Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 88Page - Analog Devices AD9136-EBZ Datasheet HTML 89Page - Analog Devices AD9136-EBZ Datasheet HTML 90Page - Analog Devices AD9136-EBZ Datasheet HTML 91Page - Analog Devices AD9136-EBZ Datasheet HTML 92Page - Analog Devices AD9136-EBZ Datasheet HTML 93Page - Analog Devices AD9136-EBZ Datasheet HTML 94Page - Analog Devices AD9136-EBZ Datasheet HTML 95Page - Analog Devices AD9136-EBZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 92 of 117
Address
Name
Bit No.
Bit Name
Settings
Description
Reset
Access
2
SERPLLLOCK
SERDES PLL Lock Status. If
IRQEN_SMODE_SERPLLLOCK is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
SERDES PLL locked
1
LANEFIFOERR
Lane FIFO Error Status. If
IRQEN_SMODE_LANEFIFOERR is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low.
A lane FIFO error occurs when there is a full
or empty condition on any of the FIFOs
between the deserializer block and the core
digital. This error requires a link disable and
reenable to remove it. The status of the lane
FIFOs can be found in Register 0x30C (FIFO
full), and Register 0x30D (FIFO empty).
0x0
R
1
Lane FIFO error
0
RESERVED
Reserved.
0x0
R
0x024
IRQ_STATUS1
[7:3]
RESERVED
Reserved.
0x0
R
2
PRBS1
DAC1 PRBS Error Status. If
IRQEN_SMODE_PRBS1 is low, this bit shows
current status. If not, this bit latches on a
rising edge and pull IRQ low. When latched,
write a 1 to clear this bit.
0x0
R
1
DAC1 failed PRBS
1
RESERVED
Reserved.
0x0
R
0
PRBS0
DAC0 PRBS Error Status. If
IRQEN_SMODE_PRBS0 is low, this bit shows
current status. If not, this bit latches on a
rising edge and pull IRQ low. When latched,
write a 1 to clear this bit.
0x0
R
1
DAC0 failed PRBS
0x025
IRQ_STATUS2
7
PDPERR0
DAC0 PDP Error. If IRQEN_SMODE_PAERR0 is
low, this bit shows current status. If not, this
bit latches on a rising edge and pull IRQ low.
When latched, write a 1 to clear this bit.
0x0
R
1
Data into DAC0 over power threshold
6
RESERVED
Reserved.
0x0
R
5
BLNKDONE0
DAC0 Blanking Done Status. If
IRQEN_SMODE_BLNKDONE0 is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
DAC0 blanking done
4
RESERVED
Reserved
0x0
R
3
SYNC_LOCK0
DAC0 LMFC Alignment Locked Status. If
IRQEN_SMODE_SYNC_LOCK0 is low, this bit
shows current status. If not, this bit latches
on a rising edge and pull IRQ low. When
latched, write a 1 to clear this bit.
0x0
R
1
DAC0 LMFC alignment locked
2
SYNC_ROTATE0
DAC0 LMFC Alignment Rotate Status. If
IRQEN_SMODE_SYNC_ROTATE0 is low, this
bit shows current status. If not, this bit
latches on a rising edge and pull IRQ low.
When latched, write a 1 to clear this bit.
0x0
R
1
DAC0 LMFC alignment rotated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com