Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 65Page - Analog Devices AD9136-EBZ Datasheet HTML 66Page - Analog Devices AD9136-EBZ Datasheet HTML 67Page - Analog Devices AD9136-EBZ Datasheet HTML 68Page - Analog Devices AD9136-EBZ Datasheet HTML 69Page - Analog Devices AD9136-EBZ Datasheet HTML 70Page - Analog Devices AD9136-EBZ Datasheet HTML 71Page - Analog Devices AD9136-EBZ Datasheet HTML 72Page - Analog Devices AD9136-EBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 69 of 117
Blanking State Machine (BSM)
The BSM gently ramps data entering the DAC and flushes the
datapath.
On a falling edge of TX_PROTECT (the TXENx signal delayed
by the Tx ENSM), the datapath holds the latest data value and
the digital gain gently ramps from its set value to 0. At the same
time, the datapath is flushed with zeros.
On a rising edge of TX_PROTECT, the TXENx signal is
delayed by the Tx ENSM; data is allowed to flow through the
datapath again and the digital gain gently ramps the data from 0
up to the set digital gain.
Both of these functions are also triggered automatically by the
LMFC sync logic during a rotation to prevent glitching on the
output.
Ramping
For proper ramping, digital gain must be enabled; tie TXENx
high if disabling digital gain.
The step size to use when ramping gain to 0 or its assigned value
can be controlled via the GAIN_RAMP_DOWN_STEP[11:0]
registers (Register 0x142 and Register 0x143) and the
GAIN_RAMP_UP_STEP[11:0] registers (Register 0x140 and
Register 0x141). These registers are paged as described in the
DAC Paging section.
The current BSM state can be read back as shown in Table 65.
Table 65. Blanking State Machine Ramping Readbacks
Register
Value
Description
0x147[7:6]
0b00
Data is being held at midscale.
0b01
Ramping gain to 0. Data ramping to
midscale.
0b10
Ramping gain to assigned value. Data
ramping to normal amplitude.
0b11
Data at normal amplitude.
Blanking State Machine IRQ
Blanking completion is available as an IRQ event.
Use Register 0x021[5] to enable blanking completion for DAC0
and then use Register 0x025[5] to read back its status and reset
the IRQ signal.
Use Register 0x022[5] to enable blanking completion for DAC1
and then use Register 0x026[5] to read back its status and reset
the IRQ signal.
See the Interrupt Request Operation section for more information.
PROTECT_OUTx Generation
Register 0x013 controls which signals are OR’ed into the external
PROTECT_OUTx signal. Register 0x11F[2] can be used to invert
the PROTECT_OUTx signal. By default, PROTECT_OUTx is
high when the output is valid. Register 0x013 and Register 0x11F
are paged as described in the DAC Paging section.
Table 66. PROTECT_OUTx Registers
Reg.
Bit
No.
Bit Name
Description
0x013
5
TX_PROTECT_OUT
1: Tx ENSM triggers
PROTECT_OUT
3
SPI_PROTECT_OUT
1: SPI_PROTECT
triggers PROTECT_OUT
2
SPI_PROTECT
Sets SPI_PROTECT
0x11F
2
PROTECT_OUT_INVERT
Inverts PROTECT_OUTx
DATAPATH PRBS
The datapath PRBS can be used to verify that the AD9135/
AD9136 datapath is receiving and correctly decoding data. The
datapath PRBS verifies that the JESD204B parameters of the
transmitter and receiver match, that the lanes of the receiver are
mapped appropriately, that the lanes have been appropriately
inverted, if necessary, and in general that the start-up routine
has been implemented correctly. The datapath PRBS test is
designed to support input data rates of up to 1060 MHz.
The datapath PRBS is paged as described in the DAC Paging
section. To run the datapath PRBS test, complete the following
steps:
1.
Set up the device in the desired operating mode. See the
Device Setup Guide section for details on setting up the
device.
2.
Send the PRBS7 or PRBS15 data.
3.
Write Register 0x14B[2] = 0 for PRBS7 or 1 for PRBS15.
4.
Write Register 0x14B[1:0] = 0b11 to enable and reset the
PRBS test.
5.
Write Register 0x14B[1:0] = 0b01 to enable the PRBS test
and release reset.
6.
Wait 500 ms.
7.
Check the status by checking the IRQ for DAC0 and DAC1
PRBS as described in the Datapath PRBS IRQ section.
8.
If there are failures, set Register 0x008 = 0x01 to view the
status of DAC0. Set Register 0x008 = 0x02 to view the
status of DAC1.
9.
Read Register 0x14B[6]. Bit 6 is 0 if the selected DAC has
any errors. This must match the IRQ.
10. Read Register 0x14C to read the error count of the selected
DAC.
Note that the PRBS processes 32 bits at a time, and compares
the 32 new bits to the previous set of 32 bits. It detects (and
reports) only 1 error in every group of 32 bits; therefore, the
error count partly depends on when the errors are seen. For
example,
•
Bits: 32 good, 31 good, 1 bad; 32 good (2 errors)
•
Bits: 32 good, 22 good, 10 bad; 32 good (2 errors)
•
Bits: 32 good, 31 good, 1 bad; 31 good, 1 bad; 32 good
(3 errors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com