Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 74Page - Analog Devices AD9136-EBZ Datasheet HTML 75Page - Analog Devices AD9136-EBZ Datasheet HTML 76Page - Analog Devices AD9136-EBZ Datasheet HTML 77Page - Analog Devices AD9136-EBZ Datasheet HTML 78Page - Analog Devices AD9136-EBZ Datasheet HTML 79Page - Analog Devices AD9136-EBZ Datasheet HTML 80Page - Analog Devices AD9136-EBZ Datasheet HTML 81Page - Analog Devices AD9136-EBZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 78 of 117
DEVICE POWER DISSIPATION
The AD9135/AD9136 have eight supply rails, AVDD33,
DVDD12, SVDD12, SIOVDD33, CVDD12, IOVDD, VTT, and
PVDD12, which can be driven from five regulators to achieve
optimum performance, as shown in Figure 67.
The AVDD33 supply powers the DAC core circuitry. The power
dissipation of the AVDD33 supply rail is independent of the
digital operating mode and sample rate. The current drawn
from the AVDD33 supply rail is typically 68 mA (225 mW)
when the full-scale current of DAC0 and DAC1 are set to the
nominal value of 20.48 mA.
PVDD12 powers the DAC PLLs and varies depending on the
DAC sample rate. CVDD12 can be combined with the PVDD12
regulator, but requires proper bypass capacitor networks near
the pins. CVDD12 powers the clock tree, and the current varies
directly with the DAC sample rate. DVDD12 powers the DSP
core, and the current draw depends on the number of DSP
functions and the DAC sample rate used. SVDD12 supplies the
SERDES lanes and associated circuitry including the equalizers,
SERDES PLL, PHY, and up to the input of the DSP. The current
depends on the number lanes and the lane bit rate. IOVDD
powers the SPI circuit and draws a very small current.
SIOVDD33 powers the equalizers for the SERDES lanes. The
VTT termination voltage draws a very small current of <5 mA.
TEMPERATURE SENSOR
The AD9135/AD9136 have a band gap temperature sensor for
monitoring the temperature changes of the AD9135/AD9136.
The temperature must be calibrated against a known temperature
to remove the device-to-device variation on the band gap circuit
used to sense the temperature.
To monitor temperature change, the user must take a reading at
a known ambient temperature for a single-point calibration of
each AD9135/AD9136 device.
Tx = TREF + 7.3 × (CODE_X − CODE_REF)/1000
where:
CODE_X is the readback code at the unknown temperature, Tx.
CODE_REF is the readback code at the calibrated temperature,
TREF.
To use the temperature sensor, it must be enabled by setting
Register 0x12F[0] to 1. The user must write a 1 to Register 0x134[0]
before reading back the die temperature from Register 0x132
and Register 0x133.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com