Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 81Page - Analog Devices AD9136-EBZ Datasheet HTML 82Page - Analog Devices AD9136-EBZ Datasheet HTML 83Page - Analog Devices AD9136-EBZ Datasheet HTML 84Page - Analog Devices AD9136-EBZ Datasheet HTML 85Page - Analog Devices AD9136-EBZ Datasheet HTML 86Page - Analog Devices AD9136-EBZ Datasheet HTML 87Page - Analog Devices AD9136-EBZ Datasheet HTML 88Page - Analog Devices AD9136-EBZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 117 page
background image
Data Sheet
AD9135/AD9136
Rev. C | Page 85 of 117
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x287
SERDES_PLL_CP1
SERDES_PLL_CP1
0x3F
R/W
0x289
REF_CLK_
DIVIDER_LDO
RESERVED
DEVICE_
CONFIG_4
SERDES_PLL_DIV_MODE
0x00
R/W
0x28A
VCO_LDO
SERDES_PLL_VCO_LDO
0x2B
R/W
0x28B
SERDES_PLL_PD1
SERDES_PLL_PD1
0x7F
R/W
0x290
SERDESPLL_VAR1
SERDES_PLL_VAR1
0x83
R/W
0x294
SERDES_PLL_CP2
SERDES_PLL_CP2
0xB0
R/W
0x296
SERDESPLL_VCO1
SERDES_PLL_VCO1
0x0C
R/W
0x297
SERDESPLL_VCO2
SERDES_PLL_VCO2
0x00
R/W
0x299
SERDES_PLL_PD2
SERDES_PLL_PD2
0x00
R/W
0x29A
SERDESPLL_VAR2
SERDES_PLL_VAR2
0xFE
R/W
0x29C
SERDES_PLL_CP3
SERDES_PLL_CP3
0x17
R/W
0x29F
SERDESPLL_VAR3
SERDES_PLL_VAR3
0x33
R/W
0x2A0
SERDESPLL_VAR4
SERDES_PLL_VAR4
0x08
R/W
0x2A4
DEVICE_CONFIG_
REG_8
DEVICE_CONFIG_8
0x4B
R/W
0x2A5
SYNCOUTB_
SWING
RESERVED
SYNCOUTB_
SWING_MD
0x00
R/W
0x2A7
TERM_BLK1_
CTRLREG0
RESERVED
RCAL_
TERMBLK1
0x00
R/W
0x2AA DEVICE_CONFIG_
REG_9
DEVICE_CONFIG_9
0xC3
R/W
0x2AB
DEVICE_CONFIG_
REG_10
DEVICE_CONFIG_10
0x93
R/W
0x2AE
TERM_BLK2_
CTRLREG0
RESERVED
RCAL_
TERMBLK2
0x00
R/W
0x2B1
DEVICE_CONFIG_
REG_11
DEVICE_CONFIG_11
0xC3
R/W
0x2B2
DEVICE_CONFIG_
REG_12
DEVICE_CONFIG_12
0x93
R/W
0x300
GENERAL_JRX_
CTRL_0
RESERVED CHECKSUM
_MODE
RESERVED
LINK_MODE
LINK_PAGE
LINK_EN
0x00
R/W
0x301
GENERAL_JRX_
CTRL_1
RESERVED
SUBCLASSV_LOCAL
0x01
R/W
0x302
DYN_LINK_
LATENCY_0
RESERVED
DYN_LINK_LATENCY_0
0x00
R
0x303
DYN_LINK_
LATENCY_1
RESERVED
DYN_LINK_LATENCY_1
0x00
R
0x304
LMFC_DELAY_0
RESERVED
LMFC_DELAY_0
0x00
R/W
0x305
LMFC_DELAY_1
RESERVED
LMFC_DELAY_1
0x00
R/W
0x306
LMFC_VAR_0
RESERVED
LMFC_VAR_0
0x06
R/W
0x307
LMFC_VAR_1
RESERVED
LMFC_VAR_1
0x06
R/W
0x308
XBAR_LN_0_1
RESERVED
LOGICAL_LANE1_SRC
LOGICAL_LANE0_SRC
0x08
R/W
0x309
XBAR_LN_2_3
RESERVED
LOGICAL_LANE3_SRC
LOGICAL_LANE2_SRC
0x1A
R/W
0x30A
XBAR_LN_4_5
RESERVED
LOGICAL_LANE5_SRC
LOGICAL_LANE4_SRC
0x2C
R/W
0x30B
XBAR_LN_6_7
RESERVED
LOGICAL_LANE7_SRC
LOGICAL_LANE6_SRC
0x3E
R/W
0x30C
FIFO_STATUS_
REG_0
LANE_FIFO_FULL
0x00
R
0x30D
FIFO_STATUS_
REG_1
LANE_FIFO_EMPTY
0x00
R
0x312
SYNCB_GEN_1
RESERVED
SYNCB_ERR_DUR
RESERVED
0x00
R/W
0x314
SERDES_SPI_REG
SERDES_SPI_CONFIG
0x00
R/W
0x315
PHY_PRBS_TEST_
EN
PHY_TEST_EN
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com