Electronic Components Datasheet Search
  English  ▼

X  

AD9136-EBZ Datasheet(PDF) 80 Page - Analog Devices

Part # AD9136-EBZ
Description  Digital-to-Analog Converters
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9136-EBZ Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9136-EBZ Datasheet HTML 76Page - Analog Devices AD9136-EBZ Datasheet HTML 77Page - Analog Devices AD9136-EBZ Datasheet HTML 78Page - Analog Devices AD9136-EBZ Datasheet HTML 79Page - Analog Devices AD9136-EBZ Datasheet HTML 80Page - Analog Devices AD9136-EBZ Datasheet HTML 81Page - Analog Devices AD9136-EBZ Datasheet HTML 82Page - Analog Devices AD9136-EBZ Datasheet HTML 83Page - Analog Devices AD9136-EBZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 117 page
background image
AD9135/AD9136
Data Sheet
Rev. C | Page 80 of 117
STEP 3: TRANSPORT LAYER
Table 80. Link 0 Transport Layer
Command
Address
Value
Description
W
0x200
0x00
Power up the interface
W
0x201
0x00
Enable all lanes
W
0x300
0x08
Bit 3 = 0 for single link, Bit 2 = 0
to access Link 0 registers
W
0x450
0x00
Set the device ID to match Tx
(0x00 in this example)
W
0x451
0x00
Set the bank ID to match Tx
(0x00 in this example)
W
0x452
0x00
Set the lane ID to match Tx
(0x00 in this example)
W
0x453
0x83
Set descrambling and L to 4
(in n − 1 notation) (L = 8 on
transmit side)1
W
0x454
0x00
Set F = 1 (in n − 1 notation)
W
0x455
0x1F
Set K = 32 (in n − 1 notation)
W
0x456
0x00
Set M to 1 (in n − 1 notation)
(M = 2 on transmit side)1
W
0x457
0x0F
Set N = 16 (in n − 1 notation)
W
0x458
0x2F
Set Subclass 1 and NP = 16
(in n − 1 notation)
W
0x459
0x21
Set JESD204B Version and S = 2
(in n − 1 notation)
W
0x45A
0x80
Set HD = 1
W
0x45D
0x45
Set checksum for Lane 0
W
0x46C
0xFF
Deskew Lane 0 to Lane 7
W
0x476
0x01
Set F (not in n − 1 notation)
W
0x47D
0xFF
Enable Lane 0 to Lane 7
1 Note that for Mode 11 through Mode 13, the M and L the parameters
programmed on the receive side do not match the parameters on the
transmit side. The parameters on the transmit side reflect the true number of
converters and lanes per link.
STEP 4: PHYSICAL LAYER
Table 81. Physical Layer
Command
Address
Value
Description
W
0x2AA
0xB7
SERDES interface termination
setting
W
0x2AB
0x87
SERDES interface termination
setting
W
0x2B1
0xB7
SERDES interface termination
setting
W
0x2B2
0x87
SERDES interface termination
setting
W
0x2A7
0x01
Autotune PHY setting
W
0x2AE
0x01
Autotune PHY setting
W
0x314
0x01
SERDES SPI configuration
W
0x230
0x28
Configure CDRs in half rate
mode
W
0x206
0x00
Resets CDR logic
W
0x206
0x01
Release CDR logic reset
W
0x289
0x04
Configure PLL divider to 1 along
with PLL required configuration
W
0x284
0x62
Optimal SERDES PLL loop filter
W
0x285
0xC9
Optimal SERDES PLL loop filter
W
0x286
0x0E
Optimal SERDES PLL loop filter
W
0x287
0x12
Optimal SERDES PLL charge
pump
W
0x28A
0x7B
Optimal SERDES PLL VCO LDO
W
0x28B
0x00
Optimal SERDES PLL
configuration
W
0x290
0x89
Optimal SERDES PLL VCO
varactor
W
0x294
0x24
Optimal SERDES PLL charge
pump
W
0x296
0x03
Optimal SERDES PLL VCO
W
0x297
0x0D
Optimal SERDES PLL VCO
W
0x299
0x02
Optimal SERDES PLL
configuration
W
0x29A
0x8E
Optimal SERDES PLL VCO
varactor
W
0x29C
0x2A
Optimal SERDES PLL charge
pump
W
0x29F
0x78
Optimal SERDES PLL VCO
varactor
W
0x2A0
0x06
Optimal SERDES PLL VCO
varactor
W
0x280
0x01
Enable SERDES PLL
R
0x281
0x01
Verify that Bit 0 reads back high
for SERDES PLL lock
W
0x268
0x62
Set EQ mode to low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com